Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM9006 Datasheet(PDF) 46 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 46 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 50Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
DM9006
2-port Switch with Processor Interface
46
Preliminary datasheet
DM9006-13-DS-P01
September 1, 2009
the occurrence of a link failure condition causes the link status bit to
be cleared and remain cleared until it is read via the management
interface
1
Jabber detect
0, RO
Jabber Detect
1 = Jabber condition detected
0 = No jabber
This bit is implemented with a latching function. Jabber conditions
will set this bit unless it is cleared by a read to this register through a
management interface or a DM9006 reset. This bit works only in
10Mbps mode
0
Extended
capability
1,RO/P
Extended Capability
1 = Extended register capable
0 = Basic register capable only
8.3 PHY ID Identifier Register #1 (PHYID1) – 02H
The PHY Identifier Registers #1 and #2 work together in a single identifier of the DM9006. The Identifier consists
of a concatenation of the Organizationally Unique Identifier (OUI), a vendor's model number, and a model
revision number. DAVICOM Semiconductor's IEEE assigned OUI is 00606E.
Bit
Bit Name
Default
Description
15-0
OUI_MSB
<0181H>
OUI Most Significant Bits
This register stores bit 3 to 18 of the OUI (00606E) to bit 15 to 0 of
this register respectively. The most significant two bits of the OUI
are ignored (the IEEE standard refers to these as bit 1 and 2)
8.4 PHY ID Identifier Register #2 (PHYID2) – 03H
Bit
Bit Name
Default
Description
15-10
OUI_LSB
<101110>,
RO/P
OUI Least Significant Bits
Bit 19 to 24 of the OUI (00606E) are mapped to bit 15 to 10 of this
register respectively
9-4
VNDR_MDL
<001011>,
RO/P
Vendor Model Number
Five bits of vendor model number mapped to bit 9 to 4 (most
significant bit to bit 9)
3-0
MDL_REV
<0000>,
RO/P
Model Revision Number
Five bits of vendor model revision number mapped to bit 3 to 0
(most significant bit to bit 4)
8.5 Auto-negotiation Advertisement Register (ANAR) – 04H
This register contains the advertised abilities of this DM9006 device as they will be transmitted to its link partner
during Auto-negotiation.
Bit
Bit Name
Default
Description
15
NP
0,RO/P
Next page Indication
1 = Next page available
0 = No next page available
The DM9006 has no next page, so this bit is permanently set to 0
14
ACK
0,RO
Acknowledge
1 = Link partner ability data reception acknowledged


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn