Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM9006 Datasheet(PDF) 42 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 42 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 46Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
DM9006
2-port Switch with Processor Interface
42
Preliminary datasheet
DM9006-13-DS-P01
September 1, 2009
This word bit [15:8] will be loaded to Reg. CDH bit [7:0]
ToS Priority Map 7
47
When word 16 bit [11:10] is “01”, after power on reset:
This word bit [7:0]0 will be loaded to Reg. CEH bit [7:0]
This word bit [15:8] will be loaded to Reg. CFH bit [7:0]
RESERVED
48
Reserved
Port Security Control 49
When word 16 bit [13:12] is “01”, after power on reset:
This word bit [3:0] will be loaded to port 0 register 6CH bit [2:0]
This word bit [7:4] will be loaded to port 1 register 6CH bit [2:0]
This word bit [11:8] will be loaded to port 2 register 6CH bit [2:0]
Snooping Control 1
50
When word 16 bit [13:12] is “01”, after power on reset:
This word bit [7:0] will be loaded to register 78H
This word bit [15:8] will be loaded to register 79H
Snooping Control 2
51
When word 16 bit [13:12] is “01”, after power on reset:
This word bit [7:0] will be loaded to register 7AH
This word bit [15:8] will be loaded to register 7BH
Snooping Control 3
52
When word 16 bit [13:12] is “01”, after power on reset:
This word bit [1:0] will be loaded to register 7CH bit [1:0]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn