Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM9006 Datasheet(PDF) 41 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 41 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 45Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
DM9006
2-port Switch with Processor Interface
Preliminary datasheet
41
DM9006-13-DS-P01
September 1, 2009
uP Port VLAN Tag 30
When word 16 bit [5:4] is “01”, after power on reset:
This word bit [7:0] will be loaded to port 3 Reg. 6EH bit [7:0]
This word bit [15:8] will be loaded to port 3 Reg. 6FH bit [7:0]
VLAN Priority Map 31
When word 16 bit [7:6] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. D0H bit [7:0]
This word bit [15:8] will be loaded to Reg. D1H bit [7:0]
Port VLAN Group 0,1 32
When word 16 bit [9:8] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. B0H bit [7:0]
This word bit [15:8] will be loaded to Reg. B1H bit [7:0]
Port VLAN Group 2,3 33
When word 16 bit [9:8] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. B2H bit [7:0]
This word bit [15:8] will be loaded to Reg. B3H bit [7:0]
Port VLAN Group 4,5 34
When word 16 bit [9:8] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. B4H bit [7:0]
This word bit [15:8] will be loaded to Reg. B5H bit [7:0]
Port VLAN Group 6,7 35
When word 16 bit [9:8] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. B6H bit [7:0]
This word bit [15:8] will be loaded to Reg. B7H bit [7:0]
Port VLAN Group 8,9 36
When word 16 bit [9:8] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. B8H bit [7:0]
This word bit [15:8] will be loaded to Reg. B9H bit [7:0]
Port VLAN Group
10,11
37
When word 16 bit [9:8] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. BAH bit [7:0]
This word bit [15:8] will be loaded to Reg. BBH bit [7:0]
Port VLAN Group
12,13
38
When word 16 bit [9:8] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. BCH bit [7:0]
This word bit [15:8] will be loaded to Reg. BDH bit [7:0]
Port VLAN Group
14,15
39
When word 16 bit 9:8 is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. BEH bit [7:0]
This word bit [15:8] will be loaded to Reg. BFH bit [7:0]
ToS Priority Map 0
40
When word 16 bit [11:10] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. C0H bit [7:0]
This word bit [15:8] will be loaded to Reg. C1H bit [7:0]
ToS Priority Map 1
41
When word 16 bit [11:10] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. C2H bit [7:0]
This word bit [15:8] will be loaded to Reg. C3H bit [7:0]
ToS Priority Map 2
42
When word 16 bit [11:10] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. C4H bit [7:0]
This word bit [15:8] will be loaded to Reg. C5H bit [7:0]
ToS Priority Map 3
43
When word 16 bit [11:10] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. C6H bit [7:0]
This word bit [15:8] will be loaded to Reg. C7H bit [7:0]
ToS Priority Map 4
44
When word 16 bit [11:10] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. C8H bit 7~0
This word bit [15:8] will be loaded to Reg. C9H bit 7~0
ToS Priority Map 5
45
When word 16 bit [11:10] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. CAH bit [7:0]
This word bit [15:8] will be loaded to Reg. CBH bit [7:0]
ToS Priority Map 6
46
When word 16 bit [11:10] is “01”, after power on reset:
This word bit [7:0] will be loaded to Reg. CCH bit [7:0]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn