Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DM9006 Datasheet(PDF) 34 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo 

DM9006 Datasheet(HTML) 34 Page - Davicom Semiconductor, Inc.

Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
DM9006
2-port Switch with Processor Interface
34
Preliminary datasheet
DM9006-13-DS-P01
September 1, 2009
6.53 Port-Based VLAN Mapping Table Registers (B0H~BFH)
Define the port member in VLAN group
There are 16 VLAN group that defined in Reg. B0H~BFH.
Group 0 defined in Reg. B0H, and group 1 defined in Reg. B1H, and so on.
Bit
Name
Default
Description
7:4
RESERVED
PHE0,RO
Reserved
3
PORT_UP
PHE1,RW Mapping to processor
2
RESERVED
PHE1,RW Reserved
1
PORT_P1
PHE1,RW Mapping to port 1
0
PORT_P0
PHE1,RW Mapping to port 0
6.54 TOS Priority Map Registers (C0H~CFH)
Define the 6-bit or 3-bit of ToS field mapping to 2-bit priority queue number.
In 6-bit type, the Reg. 53H bit 7 is “1”, Reg. C0H bit [1:0] define the mapping for ToS value 0, Reg. 60H bit [3:2] define the
mapping for ToS value 1, and so on, till Reg. CFH bit [7:6] define ToS value 63.
In 3-bit type, Reg. 53H bit 7 is “0” define the mapping for ToS value 0, Reg. 60H bit [3:2] define the mapping for ToS value 1,
and so on, till Reg. C1H bit [7:6] define ToS value 7.
Reg. C0H:
Bit
Name
Default
Description
7:6
TOS3
PHE0/1,RW
If Reg. 53H. bit 7 =1 :TOS[7:2]=03H, otherwise TOS]7:5]=03H
5:4
TOS2
PHE0,/1RW
If Reg. 53H. bit 7 =1 :TOS[7:2]=02H, otherwise TOS]7:5]=02H
3:2
TOS1
PHE0,RW
If Reg.53H. bit 7 =1 :TOS[7:2]=01H, otherwise TOS]7:5]=01H
1:0
TOS0
PHE0,RW
If Reg.53H. bit 7 =1 :TOS[7:2]=00H, otherwise TOS]7:5]=00H
Reg. C1H:
Bit
Name
Default
Description
7:6
TOS7
PHE0/3,RW
If Reg.53H. bit 7=1 :TOS[7:2]=07H, otherwise TOS]7:5]=07H
5:4
TOS6
PHE0/3,RW
If Reg.53H. bit 7=1 :TOS[7:2]=06H, otherwise TOS]7:5]=06H
3:2
TOS5
PHE0/2,RW
If Reg.53H. bit 7=1 :TOS[7:2]=05H, otherwise TOS]7:5]=05H
1:0
TOS4
PHE0/2,RW
If Reg.53H. bit 7=1 :TOS[7:2]=04H, otherwise TOS]7:5]=04H
Reg. C2H:
Bit
Name
Default
Description
7:6
TOSB
PHE0,RW If Reg.53H. bit 7=1 :TOS[7:2]=0BH
5:4
TOSA
PHE0,RW If Reg.53H. bit 7=1 :TOS[7:2]=0AH
3:2
TOS9
PHE0,RW If Reg.53H. bit 7=1 :TOS[7:2]=09H
1:0
TOS8
PHE0,RW If Reg.53H. bit 7=1 :TOS[7:2]=08H
Reg. C3H:
Bit
Name
Default
Description
7:6
TOSF
PHE0,RW If Reg.53H. bit 7=1 :TOS[7:2]=0FH
5:4
TOSE
PHE0,RW If Reg.53H. bit 7=1 :TOS[7:2]=0EH
3:2
TOSD
PHE0,RW If Reg.53H. bit 7=1 :TOS[7:2]=0DH
1:0
TOSC
PHE0,RW If Reg.53H. bit 7=1 :TOS[7:2]=0CH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn