Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9000BEP Datasheet(PDF) 56 Page - Davicom Semiconductor, Inc.

Part # DM9000BEP
Description  Ethernet Controller With General Processor Interface
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000BEP Datasheet(HTML) 56 Page - Davicom Semiconductor, Inc.

Back Button DM9000BEP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9000BEP Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9000BEP Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9000BEP Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9000BEP Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9000BEP Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9000BEP Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9000BEP Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9000BEP Datasheet HTML 60Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
DM9000B
Ethernet Controller with General Processor Interface
Final
56
Version: DM9000B-13-DS-F03
March 5, 2012
11. Application Notes
11.1 Network Interface Signal Routing
Place the transformer as close as possible to the RJ-45
connector. Place all the 50Ω resistors as close as possible
to the DM9000B RXI± and TXO± pins. Traces routed from
RXI± and TXO± to the transformer should run in close pairs
directly to the transformer. The designer should be careful
not to cross the transmit and receive pairs. As always, vias
should be avoided as much as possible. The network
interface should be void of any signals other than the TXO±
and RXI± pairs between the RJ-45 to the transformer and
the transformer to the DM9000B.. There should be no
power or ground planes in the area under the network side
of the transformer to include the area under the RJ-45
connector. (Refer to Figure 11-4 and 11-5) Keep chassis
ground away from all active signals. The RJ-45 connector
and any unused pins should be tied to chassis ground
through a resistor divider network and a 2KV bypass
capacitor.
The Band Gap resistor should be placed as physically close
as pins 1 and 48 as possible (refer to Figure 11-1 and 11-2).
The designer should not run any high-speed signal near the
Band Gap resistor placement.
11.2 10Base-T/100Base-TX Auto MDIX Application
Figure 11-1 Auto MDIX Application


Similar Part No. - DM9000BEP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9000BEP DAVICOM-DM9000BEP Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results

Similar Description - DM9000BEP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP_06 Datasheet
1Mb / 50P
   Ethernet Controller with General Processor Interface
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008CEP DAVICOM-DM9008CEP Datasheet
48Kb / 2P
   Ethernet Controller with General Processor Interface
DM9010EP DAVICOM-DM9010EP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008C DAVICOM-DM9008C Datasheet
422Kb / 52P
   Ethernet Controller With General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com