Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9000B Datasheet(PDF) 14 Page - Davicom Semiconductor, Inc.

Part # DM9000B
Description  Ethernet Controller With General Processor Interface
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000B Datasheet(HTML) 14 Page - Davicom Semiconductor, Inc.

Back Button DM9000B Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 18Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
DM9000B
Ethernet Controller with General Processor Interface
Final
14
Version: DM9000B-13-DS-F03
March 5, 2012
RSCCR
Resume System Clock Control Register
51H
XXH
MRCMDX
Memory Data Pre-Fetch Read Command Without Address
Increment Register
F0H
XXH
MRCMDX1
Memory Data Read Command With Address Increment
Register
F1H
XXH
MRCMD
Memory Data Read Command With Address Increment
Register
F2H
XXH
MRRL
Memory Data Read_ address Register Low Byte
F4H
00H
MRRH
Memory Data Read_ address Register High Byte
F5H
00H
MWCMDX
Memory Data Write Command Without Address Increment
Register
F6H
XXH
MWCMD
Memory Data Write Command With Address Increment
Register
F8H
XXH
MWRL
Memory Data Write_ address Register Low Byte
FAH
00H
MWRH
Memory Data Write _ address Register High Byte
FBH
00H
TXPLL
TX Packet Length Low Byte Register
FCH
XXH
TXPLH
TX Packet Length High Byte Register
FDH
XXH
ISR
Interrupt Status Register
FEH
00H
IMR
Interrupt Mask Register
FFH
00H
Key to Default
In the register description that follows, the default column
takes the form:
<Reset Value>, <Access Type>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
P = power on reset default value
S = software reset default value
E = default value from EEPROM
T = default value from strap pin
<Access Type>:
RO = Read only
RW = Read/Write
R/C = Read and Clear
RW/C1=Read/Write and Cleared by write 1
WO = Write only
Reserved bits are shaded and should be written with 0.
Reserved bits are undefined on read access.
*If Register 1FH bit 0 is updated from ‘1’ to ‘0’, the all Registers can not be accessed within 1ms.
6.1 Network Control Register (00H)
Bit
Name
Default
Description
7
RESERVED
P0,RW
Reserved
6
WAKEEN
P0,RW
When set, it enables the wakeup function. Clearing this bit will also clears all
wakeup event status
This bit will not be affected after a software reset
0: Enable
1: Disable
5
RESERVED
0,RO
Reserved
4
FCOL
PS0,RW
1: Force Collision Mode, used for testing
0: DISABLE
3
FDX
PS0,RO
Duplex mode of the internal PHY.
1: Full-duplex
0: half-duplex


Similar Part No. - DM9000B

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000BE DAVICOM-DM9000BE Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000BEP DAVICOM-DM9000BEP Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000BI DAVICOM-DM9000BI Datasheet
448Kb / 56P
   Industrial-grade Ethernet Controller with General Processor Interface
More results

Similar Description - DM9000B

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP_06 Datasheet
1Mb / 50P
   Ethernet Controller with General Processor Interface
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008CEP DAVICOM-DM9008CEP Datasheet
48Kb / 2P
   Ethernet Controller with General Processor Interface
DM9010EP DAVICOM-DM9010EP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008C DAVICOM-DM9008C Datasheet
422Kb / 52P
   Ethernet Controller With General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com