Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9000B Datasheet(PDF) 43 Page - Davicom Semiconductor, Inc.

Part # DM9000B
Description  Ethernet Controller With General Processor Interface
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000B Datasheet(HTML) 43 Page - Davicom Semiconductor, Inc.

Back Button DM9000B Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9000B Datasheet HTML 47Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
DM9000B
Ethernet Controller with General Processor Interface
Final
43
Version: DM9000B-13-DS-F03
March 5, 2012
18.9
-18.1
Reserved
0, RO
Reserved
Read as 0, ignore on write
18.0
POLR
0, RO
Polarity Reversed
When this bit is set to 1, it indicates that the 10Mbps cable polarity is
reversed. This bit is automatically set and cleared by 10BASE-T
module
8.11 Power down Control Register (PWDOR) - 19
Bit
Bit Name
Default
Description
19.15
-19.9
Reserved
0, RO
Reserved
Read as 0, ignore on write
19.8
PD10DRV
0, RW
Vendor power down control test
19.7
PD100DL
0, RW
Vendor power down control test
19.6
PDchip
0, RW
Vendor power down control test
19.5
PDcom
0, RW
Vendor power down control test
19.4
PDaeq
0, RW
Vendor power down control test
19.3
PDdrv
0, RW
Vendor power down control test
19.2
PDedi
0, RW
Vendor power down control test
19.1
PDedo
0, RW
Vendor power down control test
19.0
PD10
0, RW
Vendor power down control test
*
When selected, the power down value is control by Register 20.0
8.12 (Specified config) Register – 20
Bit
Bit Name
Default
Description
20.15
TSTSE1
0,RW
Vendor test select control
20.14
TSTSE2
0,RW
Vendor test select control
20.13
FORCE_TXSD
0,RW
Force Signal Detect
1: force SD signal OK in 100M
0: normal SD signal.
20.12
FORCE_FEF
0,RW
Vendor test select control
20.11
PREAMBLEX
0,RW
Preamble Saving Control
0: when bit 10 is set, the 10BASE-T transmit preamble count is
reduced. When bit 11 of register 1DH is set, 12-bit preamble is
reduced; otherwise 22-bit preamble is reduced.
1: transmit preamble bit count is normal in 10BASE-T mode
20.10
TX10M_PWR
0,RW
10BASE-T mode Transmit Power Saving Control
1: enable transmit power saving in 10BASE-T mode
0: disable transmit power saving in 10BASE-T mode
20.9
NWAY_PWR
0,RW
Auto-negotiation Power Saving Control
1: disable power saving during auto-negotiation period
0: enable power saving during auto-negotiation period
20.8
Reserved
0, RO
Reserved
Read as 0, ignore on write
20.7
MDIX_CNTL
MDI/MDIX,RO The polarity of MDI/MDIX value
1: MDIX mode
0: MDI mode


Similar Part No. - DM9000B

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000BE DAVICOM-DM9000BE Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000BEP DAVICOM-DM9000BEP Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000BI DAVICOM-DM9000BI Datasheet
448Kb / 56P
   Industrial-grade Ethernet Controller with General Processor Interface
More results

Similar Description - DM9000B

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP_06 Datasheet
1Mb / 50P
   Ethernet Controller with General Processor Interface
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008CEP DAVICOM-DM9008CEP Datasheet
48Kb / 2P
   Ethernet Controller with General Processor Interface
DM9010EP DAVICOM-DM9010EP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008C DAVICOM-DM9008C Datasheet
422Kb / 52P
   Ethernet Controller With General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com