Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1308U-3+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1308U-3+
Description  Low-Current I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1308U-3+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1308U-3+ Datasheet HTML 1Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 2Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 3Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 4Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 5Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 6Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1308U-3+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
DS1308
Low-Current I2C RTC with 56-Byte NV RAM
POWER-UP/DOWN CHARACTERISTICS
(TA = -40NC to +85NC, unless otherwise noted.) (Notes 2, 16)
CAPACITANCE
(TA = +25NC, unless otherwise noted.) (Note 16)
Warning: Negative undershoots below -0.3V while the part is in battery-backed mode may cause loss of data.
Note 2: Limits are 100% production tested at TA = +25NC and TA = +85NC. Limits over the operating temperature range and
relevant supply voltage are guaranteed by design and characterization. Typical values are not guaranteed.
Note 3: SCL clocking at max frequency. VSCL = 0V to VCC.
Note 4: Specified with I2C bus inactive. Timekeeping and square-wave functions operational.
Note 5: CH = ECLK = SQWE = 0.
Note 6: CH = ECLK = 0, SQWE = RS1 = RS0 = 1, IOUT = 0mA.
Note 7: CH = 1. ECLK = SQWE = 0.
Note 8: The minimum SCL clock frequency is limited by the bus timeout feature, which resets the serial bus interface if SCL is
held low for tTIMEOUT.
Note 9: After this period, the first clock pulse is generated.
Note 10: A device must internally provide a hold time of at least 300ns for the SDA signal (referenced to the VIHMIN of the SCL
signal) to bridge the undefined region of the falling edge of SCL.
Note 11: The maximum tHD:DAT has only to be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 12: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT R to 250ns must then be met.
This is automatically the case if the device does not stretch the low period of the SCL signal. If such a device does stretch
the low period of the SCL signal, it must output the next data bit to the SDA line tRMAX + tSU:DAT = 1000 + 250 = 1250ns
before the SCL line is released.
Note 13: CB is the total capacitance of one bus line, including all connected devices, in pF.
Note 14: The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set over the voltage range
of 2.4V P VCC P VCCMAX.
Note 15: The DS1308 can detect any single SCL clock held low longer than tTIMEOUTMIN. The device’s I2C interface is in reset
state and can receive a new START condition when SCL is held low for at least tTIMEOUTMAX. Once the part detects this
condition the SDA output is released. The oscillator must be running for this function to work.
Note 16: Guaranteed by design and not 100% production tested.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Recovery at Power-Up
tREC
1
2
ms
VCC Slew Rate (VPF to 0V)
tVCCF
1/50
V/Fs
VCC Slew Rate (0V to VPF)
tVCCR
1/1
V/Fs
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Capacitance
CI
10
pF
I/O Capacitance
CO
10
pF


Similar Part No. - DS1308U-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 10 DS1308U-3+* ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com