Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1308 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1308
Description  Low-Current I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1308 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1308 Datasheet HTML 6Page - Maxim Integrated Products DS1308 Datasheet HTML 7Page - Maxim Integrated Products DS1308 Datasheet HTML 8Page - Maxim Integrated Products DS1308 Datasheet HTML 9Page - Maxim Integrated Products DS1308 Datasheet HTML 10Page - Maxim Integrated Products DS1308 Datasheet HTML 11Page - Maxim Integrated Products DS1308 Datasheet HTML 12Page - Maxim Integrated Products DS1308 Datasheet HTML 13Page - Maxim Integrated Products DS1308 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
���������������������������������������������������������������� Maxim Integrated Products 10
DS1308
Low-Current I2C RTC with 56-Byte NV RAM
RTC and RAM Address Map
Table 3 shows the address map for the RTC and RAM
registers. The RTC registers and control register are
located in address locations 00h–07h. The RAM regis-
ters are located in address locations 08h–3Fh. During a
multibyte access, when the register pointer reaches 3Fh
(the end of RAM space) it wraps around to location 00h
(the beginning of the clock space). On an I2C START, or
register pointer incrementing to location 00h, the current
time and date is transferred to a second set of registers.
The time and date in the secondary registers are read in
a multibyte data transfer, while the clock continues to run.
This eliminates the need to re-read the registers in case
of an update of the main registers during a read.
Clock and Calendar
The time and calendar information is obtained by reading
the appropriate register bytes. The time and calendar are
set or initialized by writing the appropriate register bytes.
The contents of the time and calendar registers are in the
BCD format. Bit 7 of Register 0 is the clock halt (CH) bit.
When this bit is set to 1, the oscillator is disabled. When
cleared to 0, the oscillator is enabled. The clock can
be halted whenever the timekeeping functions are not
required, which minimizes VBAT current (IBATDAT) when
VCC is not applied.
The day-of-week register increments at midnight. Values
that correspond to the day of week are user-defined
but must be sequential (i.e., if 1 equals Sunday, then
2 equals Monday, and so on). Illogical time and date
entries result in undefined operation.
When reading or writing the time and date registers,
secondary (user) buffers are used to prevent errors when
the internal registers update. When reading the time and
date registers, the user buffers are synchronized to the
internal registers on any START and when the register
pointer rolls over to zero. The countdown chain is reset
whenever the seconds register is written. Write transfers
occur on the acknowledge from the DS1308. Once the
countdown chain is reset, to avoid rollover issues the
remaining time and date registers must be written within
1 second. The 1Hz square-wave output, if enabled,
transitions high 500ms after the seconds data transfer,
provided the oscillator is already running.
The DS1308 runs in either 12-hour or 24-hour mode.
Bit 6 of the hours register is defined as the 12-hour or
24-hour mode-select bit. When high, the 12-hour mode
is selected. In the 12-hour mode, bit 5 is the AM/PM bit,
with logic high being PM. In the 24-hour mode, bit 5 is the
20-hour bit (20–23 hours). If the 12/24-hour mode select
is changed, the hours register must be re-initialized to
the new format.
Table 3. RTC and RAM Address Map
Note: Bits listed as “0” always read as a 0.
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00h
CH
10 Seconds
Seconds
Seconds
00–59
01h
0
10 Minutes
Minutes
Minutes
00–59
02h
0
12/24
AM/PM
10 Hour
Hour
Hours
1–12 +AM/
PM
00–23
20 Hour
03h
0
0
0
0
0
Day
Day
1–7
04h
0
0
10 Date
Date
Date
01–31
05h
0
0
0
10
Month
Month
Month
01–12
06h
10 Year
Year
Year
00–99
07h
OUT
ECLK
OSF
SQWE
LOS
BBCLK
RS1
RS0
Control
08h–3Fh
RAM 56 x 8
00h–FFh


Similar Part No. - DS1308

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1308 MAXIM-DS1308 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
logo
Dallas Semiconductor
DS1308N DALLAS-DS1308N Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1308U-18++ MAXIM-DS1308U-18+ Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 10 DS1308U-3+* ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com