Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1308 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1308
Description  Low-Current I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1308 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1308 Datasheet HTML 4Page - Maxim Integrated Products DS1308 Datasheet HTML 5Page - Maxim Integrated Products DS1308 Datasheet HTML 6Page - Maxim Integrated Products DS1308 Datasheet HTML 7Page - Maxim Integrated Products DS1308 Datasheet HTML 8Page - Maxim Integrated Products DS1308 Datasheet HTML 9Page - Maxim Integrated Products DS1308 Datasheet HTML 10Page - Maxim Integrated Products DS1308 Datasheet HTML 11Page - Maxim Integrated Products DS1308 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
����������������������������������������������������������������� Maxim Integrated Products 8
DS1308
Low-Current I2C RTC with 56-Byte NV RAM
Functional Diagram
Detailed Description
The DS1308 serial RTC is a low-power, full BCD clock/
calendar plus 56 bytes of NV SRAM. Address and data
are transferred serially through an I2C interface. The
clock/calendar provides seconds, minutes, hours, day,
date, month, and year information. The end of the month
date is automatically adjusted for months with fewer than
31 days, including corrections for leap year. The clock
operates in either the 24-hour or 12-hour format with an
AM/PM indicator. The DS1308 has a built-in power-sense
circuit that detects power failures and automatically
switches to the VBAT supply.
Operation
The DS1308 operates as a slave device on the serial bus.
Access is obtained by implementing a START condition
and providing a device identification code, followed by
data. Subsequent registers can be accessed sequen-
tially until a STOP condition is executed. The device is
fully accessible and data can be written and read when
VCC is greater than VPF. However, when VCC falls below
VPF, the internal clock registers are blocked from any
access. If VBAT is greater than VBAT, the device power is
switched from VCC to VBAT when VCC drops below VPF.
If VBAT is less than VPF, the device power is switched
from VCC to VBAT when VCC drops below VBAT. The
oscillator and timekeeping functions are maintained
from the VBAT source until VCC returns above VPF, read
and write access is allowed after tREC. The Functional
Diagram shows the main elements of the DS1308.
An enable bit in the seconds register (CH) controls the
oscillator. Oscillator startup times are highly dependent
upon crystal characteristics, PCB leakage, and layout.
High ESR and excessive capacitive loads are the major
contributors to long startup times. A circuit using a crystal
with the recommended characteristics and proper layout
usually starts within 1 second.
On the first application of power to the device, the time
and date registers are reset to 01/01/00 01 00:00:00 (DD/
MM/YY DOW HH:MM:SS), and CH bit in the seconds
register is set to 0.
DS1308
N
N
/4
/32
EXTSYNC
CONTROL LOGIC
OSC-1Hz
POWER CONTROL
RAM
CLOCK AND
CALENDAR REGISTERS
/2
128Hz
OSC-1Hz
SQW/CLKIN
X1
X2
SCL
SDA
4.096kHz
8.192kHz
32.768kHz
MUX/
BUFFER
DIVIDER
EXT-1Hz
SERIAL BUS
INTERFACE AND
ADDRESS
REGISTER
VCC
VBAT


Similar Part No. - DS1308

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1308 MAXIM-DS1308 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
logo
Dallas Semiconductor
DS1308N DALLAS-DS1308N Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1308U-18++ MAXIM-DS1308U-18+ Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 10 DS1308U-3+* ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com