Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG507ACWI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG507ACWI
Description  Monolithic CMOS Analog Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG507ACWI Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG507ACWI Datasheet HTML 1Page - Maxim Integrated Products DG507ACWI Datasheet HTML 2Page - Maxim Integrated Products DG507ACWI Datasheet HTML 3Page - Maxim Integrated Products DG507ACWI Datasheet HTML 4Page - Maxim Integrated Products DG507ACWI Datasheet HTML 5Page - Maxim Integrated Products DG507ACWI Datasheet HTML 6Page - Maxim Integrated Products DG507ACWI Datasheet HTML 7Page - Maxim Integrated Products DG507ACWI Datasheet HTML 8Page - Maxim Integrated Products DG507ACWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Monolithic CMOS Analog Multiplexers
4
ELECTRICAL CHARACTERISTICS (Overtemperature)
(V+ = 15V, V- = -15V, VGND = 0V, TA = overtemperature range, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
DG506AA
DG507AA
DG506AB/C
DG507AB/C
UNITS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
SWITCH
Analog Signal
Range
VANALOG
-15
+15
-15
+15
V
Drain-to-Source
On-Resistance
RDS(ON)
Sequence each
switch on,
VAL = 0.8V,
VAH = 2.4V,
VEN = 2.4V
VD = 10V, IS
= -200FA
500
550
I
VD = -10V,
IS = -200FA
500
550
Source Off-
Leakage
Current
IS(OFF)
VEN = 0.8V,
VAL = 0.8V
VS = 10V,
VD = -10V
-50
+50
-50
+50
nA
VS = -10V,
VD = 10V
-50
+50
-50
+50
Drain Off-
Leakage
Current
ID(OFF)
DG506A,
VEN = 0.8V,
VAL = 0.8V
VD = 10V,
VS = -10V
-300
+300
-300
+300
nA
VD = -10V,
VS = 10V
-300
+300
-300
+300
DG507A,
VEN = 0.8V,
VAL = 0.8V
VD = 10V,
VS = -10V
-200
+200
-200
+200
VD = -10V,
VS = 10V
-200
+200
-200
+200
Channel
On-Leakage
Current
ID(ON)
(Note 4)
DG506A,
sequence each
switch on,
VAL = 0.8V,
VAN = 2.4V,
VEN = 2.4V
VS(all) = VD
= 10V
-300
+300
-300
+300
nA
VS(all) = VD
= -10V
-300
+300
-300
+300
DG507A,
sequence each
switch on,
VAL = 0.8V,
VAN = 2.4V,
VEN = 2.4V
VS(all) = VD
= 10V
-200
+200
-200
+200
VS(all) = VD
= -10V
-200
+200
-200
+200
INPUT
Address Input
Current, Input-
Voltage High
IAH
VA = 2.4V
-30
-30
F
A
VA = 15V
30
30
Address Input
Current, Input-
Voltage Low
IAL
All VA = 0V
VEN = 2.4V
-30
-30
F
A
VEN = 0V
30
30


Similar Part No. - DG507ACWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG507ACWI MAXIM-DG507ACWI Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG507ACWI MAXIM-DG507ACWI Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
More results

Similar Description - DG507ACWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com