Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG507ACK Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG507ACK
Description  Monolithic CMOS Analog Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG507ACK Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG507ACK Datasheet HTML 1Page - Maxim Integrated Products DG507ACK Datasheet HTML 2Page - Maxim Integrated Products DG507ACK Datasheet HTML 3Page - Maxim Integrated Products DG507ACK Datasheet HTML 4Page - Maxim Integrated Products DG507ACK Datasheet HTML 5Page - Maxim Integrated Products DG507ACK Datasheet HTML 6Page - Maxim Integrated Products DG507ACK Datasheet HTML 7Page - Maxim Integrated Products DG507ACK Datasheet HTML 8Page - Maxim Integrated Products DG507ACK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Monolithic CMOS Analog Multiplexers
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
Maxim’s DG506A/DG507A are monolithic CMOS analog
multiplexers. The DG506A is a single 16-channel (1 of
16) multiplexer and the DG507A is a differential 8-chan-
nel (2 of 16) multiplexer.
Both devices feature break-before-make switching.
Maxim guarantees that these multiplexers will not latch-
up if the power supplies are turned off with the input
signals still present as long as absolute maximum ratings
are not violated. The multiplexers operate over a wide
range of power supplies from Q4.5V to Q18V.
Compared to the original manufacturer’s devices,
Maxim’s DG506A/DG507A consume significantly less
power, making them ideal for portable equipment.
Maxim’s DG506A/DG507A meet or exceed the speci-
fications of, and are drop-in replacements for Intersil’s
IH6116 and IH6216, Siliconix’s DG506A and DG507A,
and Harris’ HI506 and HI507.
Applications
Control Systems
Data Logging Systems
Aircraft Heads Up Displays
Data Acquisition Systems
Signal Routing
Features
S
Improved 2nd Source
S
Pin Compatible with Harris, Siliconix, Intersil
S
Operable with ±4.5V to ±18V Supplies
S
Symmetrical, Bidirectional Operation
S
Logic and Enable Inputs, TTL and CMOS Compatible
S
Latch-Up Proof Construction
S
Monolithic, Low-Power CMOS Design
19-0482; Rev 4; 6/12
Pin Configurations
Typical Operating Circuit
Ordering Information
†Devices are available in a lead(Pb)-free/RoHS-compliant
package, specify lead-free by adding “+” to the part number
when ordering.
Pin Configurations continued in middle of data sheet.
CLOCK IN
QB
QC
QA
AH1
BH1
NC
+15V
+15V
V+
GND
r02
r01
QD
NC
ANALOG
INPUT
(OUTPUTS)
-15V
-15V
ANALOG
OUTPUT
(INPUTS)
ENABLE IN
(MUX ON-OFF
CONTROL)
A0 A1 A2
GND
EN
V+
V-
Da
Db
S1b
S8b
S1a
S8a
DG507A
8-CHANNEL SEQUENTIAL DIFFERENTIAL MUX/DEMUX
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D
V-
S8
S7
S6
S5
A2
S4
S3
S2
S1
EN
A0
A1
A3
NC
GND
S9
S10
S11
S12
S13
S14
S15
S16
NC
NC
V+
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Da
V-
S8a
S7a
S6a
S5a
A2
S4a
S3a
S2a
S1a
EN
A0
A1
NC
WIDE SO/DIP
WIDE SO/DIP
NC
GND
S1b
S2b
S3b
S4b
S5b
S6b
S7b
S8b
NC
Db
V+
DG506A
DG507A
PART
TEMP RANGE
PIN-PACKAGE
DG506AAK
-55°C to +125°C
28 CERDIP
DG506ABK
-25°C to +85°C
28 CERDIP
DG506AC/D
0°C to +70°C
Dice
DG506ACJ
0°C to +70°C
28 Plastic Dip
DG506ACK
0°C to +70°C
28 CERDIP
DG506ACWI
0°C to +70°C
28 Wide SO
DG506AMWI/PR
-55°C to +125°C
28 Wide SO
DG506AAZ/833B
-55°C to +125°C
28 LCC
DG507AAK
-55°C to +125°C
28 CERDIP
DG507ABK
-25°C to +85°C
28 CERDIP
DG507AC/D
0°C to +70°C
Dice
DG507ACJ
0°C to +70°C
28 Plastic DIP
DG507ACK
0°C to +70°C
28 CERDIP
DG507ACWI
0°C to +70°C
28 Wide SO


Similar Part No. - DG507ACK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG507ACK MAXIM-DG507ACK Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG507ACK MAXIM-DG507ACK Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
More results

Similar Description - DG507ACK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com