Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG507ACJ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG507ACJ
Description  Monolithic CMOS Analog Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG507ACJ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG507ACJ Datasheet HTML 1Page - Maxim Integrated Products DG507ACJ Datasheet HTML 2Page - Maxim Integrated Products DG507ACJ Datasheet HTML 3Page - Maxim Integrated Products DG507ACJ Datasheet HTML 4Page - Maxim Integrated Products DG507ACJ Datasheet HTML 5Page - Maxim Integrated Products DG507ACJ Datasheet HTML 6Page - Maxim Integrated Products DG507ACJ Datasheet HTML 7Page - Maxim Integrated Products DG507ACJ Datasheet HTML 8Page - Maxim Integrated Products DG507ACJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Monolithic CMOS Analog Multiplexers
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to V-.)
V+ ..........................................................................................44V
GND.......................................................................................25V
Digital Inputs VS, VD (Note 1) .......................-2V to (V+ + 2V) or
20mA, whichever occurs first
Current, Any Terminal Except S or D.................................30mA
Continuous Current, S or D................................................20mA
Peak Current, S or D (pulsed at 1ms, 10% duty cycle max)...40mA
Continuous Power Dissipation (TA = +70°C)*
28-Pin Ceramic DIP (derate 16.7mW/NC above +70NC).1333mW
28-Pin Plastic DIP (derate 14.3mW/NC above +70NC)..1143mW
28-Pin Wide SO (derate 12.5mW/°C above +70°C) .1000mW
28-Pin LCC (derate 10.2mW/°C above +70°C) .......816.3mW
Operating Temperature Range (A Suffix) ........ -55NC to +125NC
(B Suffix) .......... -25NC to +85NC
(C Suffix) ................0NC to +70N
Storage Temperature (A and B Suffix)............. -65NC to +150NC
(C Suffix) ....................... -65NC to +125NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow)
Lead (Pb)-free packages ............................................+260NC
Packages containing lead (Pb)...................................+240NC
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VGND = 0V, TA = +25NC, unless otherwise indicated.)
ABSOLUTE MAXIMUM RATINGS
*All leads soldered or welded to PCB.
PARAMETER
SYMBOL
CONDITIONS
DG506AA
DG507AA
DG506AB/C
DG507AB/C
UNITS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
SWITCH
Analog Signal
Range
VANALOG
-15
+15
-15
+15
V
Drain-to-
Source
On-Resistance
RDS(ON)
Sequence each
switch on,
VAL = 0.8V,
VAH = 2.4V,
VEN = 2.4V
VD = 10V,
IS = -200FA
270
400
270
450
I
VD = -10V,
IS = -200FA
230
400
230
450
Greatest
Change in
Drain-Source
On-Resistance
Between
Channels
RDS(ON)
DS(ON)MAX
DS(ON)MIN
DS(ON)
DS(ON)AVE
RR
R
R
∆= 
-10V P VS P +10V
6
6
%
Source Off-
Leakage
Current
IS(OFF)
VEN = 0.8V,
VAL = 0.8V
VS = 10V,
VD = -10V
-1
0.002
+1
-5
0.002
+5
nA
VS = -10V,
VD = 10V
-1
-0.005
+1
-5
-0.005
+5
Drain Off-
Leakage
Current
ID(OFF)
DG506A,
VEN = 0.8V,
VAL = 0.8V
VD = 10V,
VS = -10V
-10
0.02
+10
-20
0.02
+20
nA
VD = -10V,
VS = 10V
-10
-0.03
+10
-20
-0.03
+20
DG507A,
VEN = 0.8V,
VAL = 0.8V
VD = 10V,
VS = -10V
-5
0.007
+5
-10
0.007
+10
VD = -10V,
VS = 10V
-5
-0.015
+5
-10
-0.015
+10


Similar Part No. - DG507ACJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG507ACJ INTERSIL-DG507ACJ Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG507ACJ MAXIM-DG507ACJ Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
logo
Intersil Corporation
DG507ACJ INTERSIL-DG507ACJ Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG507ACJ MAXIM-DG507ACJ Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
More results

Similar Description - DG507ACJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com