Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG506AAK Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DG506AAK
Description  Monolithic CMOS Analog Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG506AAK Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DG506AAK Datasheet HTML 2Page - Maxim Integrated Products DG506AAK Datasheet HTML 3Page - Maxim Integrated Products DG506AAK Datasheet HTML 4Page - Maxim Integrated Products DG506AAK Datasheet HTML 5Page - Maxim Integrated Products DG506AAK Datasheet HTML 6Page - Maxim Integrated Products DG506AAK Datasheet HTML 7Page - Maxim Integrated Products DG506AAK Datasheet HTML 8Page - Maxim Integrated Products DG506AAK Datasheet HTML 9Page - Maxim Integrated Products DG506AAK Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Monolithic CMOS Analog Multiplexers
9
Pin Description (continued)
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in the
package code indicates RoHS status only. Package drawings may show a different suffix number, but the drawing pertains to the
package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
28 CERDIP
J28-2
21-0046
28 Plastic DIP
P28-2
21-0044
28 Wide SO
W28-5
21-0042
90-0109
28 Wide SO
W28-5
21-0047
90-0178
28 LCC
L28-2
21-4497
90-0178
PIN
NAME
FUNCTION
DG506A
LCC
1
V+
Positive Supply Voltage Input
2, 3
N.C.
NoConnection. Internally not connected.
4
IN16
Analog Input Bidirectional Channel 16
5
IN15
Analog Input Bidirectional Channel 15
6
IN14
Analog Input Bidirectional Channel 14
7
IN13
Analog Input Bidirectional Channel 13
8
IN12
Analog Input Bidirectional Channel 12
9
IN11
Analog Input Bidirectional Channel 11
10
IN10
Analog Input Bidirectional Channel 10
11
IN9
Analog Input Bidirectional Channel 9
12
GND
Ground
13
N.C.
No Connection. Not internally connected.
14
A3
Address Input A3
15
A2
Address Input A2
16
A1
Address Input A1
17
A0
Address Input A0
18
EN
Enable Input
19
IN1
Analog Input Bidirectional Channel 1
20
IN2
Analog Input Bidirectional Channel 2
21
IN3
Analog Input Bidirectional Channel 3
22
IN4
Analog Input Bidirectional Channel 4
23
IN5
Analog Input Bidirectional Channel 5
24
IN6
Analog Input Bidirectional Channel 6
25
IN7
Analog Input Bidirectional Channel 7
26
IN8
Analog Input Bidirectional Channel 8
27
V-
Negative Supply Voltage Input
28
OUT
Analog Output Bidirectional


Similar Part No. - DG506AAK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG506AAK INTERSIL-DG506AAK Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG506AAK MAXIM-DG506AAK Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
logo
Vishay Siliconix
DG506AAK VISHAY-DG506AAK Datasheet
93Kb / 8P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
logo
Intersil Corporation
DG506AAK INTERSIL-DG506AAK Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG506AAK MAXIM-DG506AAK Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
More results

Similar Description - DG506AAK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com