Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-41815-0366 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # A-41815-0366
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-41815-0366 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button A-41815-0366 Datasheet HTML 3Page - Molex Electronics Ltd. A-41815-0366 Datasheet HTML 4Page - Molex Electronics Ltd. A-41815-0366 Datasheet HTML 5Page - Molex Electronics Ltd. A-41815-0366 Datasheet HTML 6Page - Molex Electronics Ltd. A-41815-0366 Datasheet HTML 7Page - Molex Electronics Ltd. A-41815-0366 Datasheet HTML 8Page - Molex Electronics Ltd. A-41815-0366 Datasheet HTML 9Page - Molex Electronics Ltd. A-41815-0366 Datasheet HTML 10Page - Molex Electronics Ltd. A-41815-0366 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 8 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
TOP ENTRY
Assy. Proc:
TOP ENTRY
Assy. Proc:
RIGHT ANGLE
Assy. Proc:
BOTTOM ENTRY
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Options
WITH RAMP
Options
WITH RAMP
Options
WITH RAMP
Options
WITH RAMP
Terminal No:
2144-AA-A1AA-P909B
Terminal No:
2144-AA-A1AA-208B
Terminal No:
2144-BA-A1AA-P909B
Terminal No:
6298-1-P909
Term Matl:
BRASS
Term Matl:
BRASS
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Plating:
P909 – TIN
Plating:
208 – 15 GOLD
Plating:
P909 – TIN
Plating:
P909 – TIN
Dim C:
(3.05) / .120
Dim C:
(3.05) / .120
Dim C:
(3.68) / .145
Dim C:
(3.18) / .125
Voids:
NONE
Voids:
NONE
Voids:
NONE
Voids:
NONE
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
09-48-2023
A-41815-0453
09-48-3026
A-41815-0467
09-48-2020
A-41815-0481
09-48-2029
A-41815-0495
3
09-48-2033
A-41815-0454
09-48-3036
A-41815-0468
09-48-2030
A-41815-0482
09-48-2039
A-41815-0496
4
09-48-2043
A-41815-0455
09-48-3046
A-41815-0469
09-48-2040
A-41815-0483
09-48-2049
A-41815-0497
5
09-48-2053
A-41815-0456
09-48-3056
A-41815-0470
09-48-2050
A-41815-0484
09-48-2059
A-41815-0498
6
09-48-2063
A-41815-0457
09-48-3066
A-41815-0471
09-48-2060
A-41815-0485
09-48-2069
A-41815-0499
7
09-48-2073
A-41815-0458
09-48-3076
A-41815-0472
09-48-2070
A-41815-0486
09-48-2079
A-41815-0500
8
09-48-2083
A-41815-0459
09-48-3086
A-41815-0473
09-48-2080
A-41815-0487
09-48-2089
A-41815-0501
9
09-48-2093
A-41815-0460
09-48-3096
A-41815-0474
09-48-2090
A-41815-0488
09-48-2099
A-41815-0502
10
09-48-2103
A-41815-0461
09-48-3106
A-41815-0475
09-48-2100
A-41815-0489
09-48-2109
A-41815-0503
11
09-48-2113
A-41815-0462
09-48-3116
A-41815-0476
09-48-2110
A-41815-0490
09-48-2119
A-41815-0504
12
09-48-2123
A-41815-0463
09-48-3126
A-41815-0477
09-48-2120
A-41815-0491
09-48-2129
A-41815-0505
13
09-48-2133
A-41815-0464
09-48-3136
A-41815-0478
09-48-2130
A-41815-0492
09-48-2139
A-41815-0506
14
09-48-2143
A-41815-0465
09-48-3146
A-41815-0479
09-48-2140
A-41815-0493
09-48-2149
A-41815-0507
15
09-48-2153
A-41815-0466
09-48-3156
A-41815-0480
09-48-2150
A-41815-0494
09-48-2159
A-41815-0508


Similar Part No. - A-41815-0366

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41815-0002 MOLEX1-A-41815-0002 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector, 5.0關m (200關") Tin (Sn), 2 Circuits
A-41815-0002 MOLEX-A-41815-0002 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0003 MOLEX1-A-41815-0003 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector,5.0關m (200關") Tin (Sn), 3 Circuits
A-41815-0003 MOLEX-A-41815-0003 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0004 MOLEX1-A-41815-0004 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector, 5.0關m (200關") Tin (Sn), 4 Circuits
More results

Similar Description - A-41815-0366

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com