Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0011-40-2004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0011-40-2004
Description  Terminator Die
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0011-40-2004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0011-40-2004 Datasheet HTML 1Page - Molex Electronics Ltd. 0011-40-2004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/26/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
11-40-2004
Status:
Active
Description:
Terminator Die
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T1801
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
N/A
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Terminator Die
Material Info
Old Part Number
T8302A
Reference - Drawing Numbers
Application Tooling Documents
T8302A, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638500090, TM-638500090SP
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T1801Series
Use With
Molex TM-42™ press 0690025001 and base
unit 0011193001 for the 3BF press
Application Tooling
| FAQ
Description
Product #
1.57mm Diameter,
Standard .062" Pin
and Socket Crimp
Terminal, Series
1560, Male, with Tin
(Sn) Plated Brass
Contact, 18-24 AWG,
Reel
0002062101
062 Female Term
Chain Brs 50Au
18-24
0002065105
1.57mm Diameter,
Standard .062" Pin
and Socket Crimp
Terminal, Female,
with 0.38µm Gold
0002065100


Similar Part No. - 0011-40-2004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011-40-2001 MOLEX11-0011-40-2001 Datasheet
26Kb / 3P
   Terminator Die
0011-40-2002 MOLEX11-0011-40-2002 Datasheet
26Kb / 3P
   Terminator Die
0011-40-2005 MOLEX11-0011-40-2005 Datasheet
24Kb / 1P
   Terminator Die
0011-40-2006 MOLEX11-0011-40-2006 Datasheet
26Kb / 2P
   Terminator Die
0011-40-2009 MOLEX11-0011-40-2009 Datasheet
24Kb / 1P
   Terminator Die
More results

Similar Description - 0011-40-2004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638405000 MOLEX11-0638405000 Datasheet
34Kb / 1P
   Terminator Die
0011402001 MOLEX11-0011402001 Datasheet
26Kb / 3P
   Terminator Die
0011402005 MOLEX11-0011402005 Datasheet
24Kb / 1P
   Terminator Die
0011402006 MOLEX11-0011402006 Datasheet
26Kb / 2P
   Terminator Die
0011402009 MOLEX11-0011402009 Datasheet
24Kb / 1P
   Terminator Die
0011402015 MOLEX11-0011402015 Datasheet
24Kb / 1P
   Terminator Die
0011402099 MOLEX11-0011402099 Datasheet
24Kb / 1P
   Terminator Die
0011402129 MOLEX11-0011402129 Datasheet
25Kb / 1P
   Terminator Die
0011402143 MOLEX11-0011402143 Datasheet
24Kb / 1P
   Terminator Die
0011402193 MOLEX11-0011402193 Datasheet
25Kb / 1P
   Terminator Die
0011402214 MOLEX11-0011402214 Datasheet
25Kb / 2P
   Terminator Die
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com