Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51984 Datasheet(PDF) 6 Page - Cyrustek corporation

Part # ES51984
Description  3 3/4 CAP AUTO DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51984 Datasheet(HTML) 6 Page - Cyrustek corporation

Back Button ES51984 Datasheet HTML 2Page - Cyrustek corporation ES51984 Datasheet HTML 3Page - Cyrustek corporation ES51984 Datasheet HTML 4Page - Cyrustek corporation ES51984 Datasheet HTML 5Page - Cyrustek corporation ES51984 Datasheet HTML 6Page - Cyrustek corporation ES51984 Datasheet HTML 7Page - Cyrustek corporation ES51984 Datasheet HTML 8Page - Cyrustek corporation ES51984 Datasheet HTML 9Page - Cyrustek corporation ES51984 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
11/01/05
6
ES51984
3 3/4 CAP AUTO DMM
Capacitance
Measurement accuracy
4nF range
-1.5
1.5
%F.S
-2
2
counts
40nF – 4µF
-0.8
0.8
%F.S
-2
2
counts
4µF~4mF
-1.1*
1.1*
%F.S
-2
2
counts
*The accuracy of 40uF range is 1.5%F.S
Function Description
1.Operating Modes
1.1 Voltage Measurement
A reconfigurable voltage divider automatically provides a suitable range in voltage
measurement mode. The following table summarizes the full scale ranges in each
configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
VR1
400.0mV
1
-
VR2
4.000V
1/10
R2 / (R1+R2)
VR3
40.00V
1/100
R3 / (R1+R3)
VR3
400.0V
1/1000
R4 / (R1+R4)
VR5
4000V
1/10000
R5 / (R1+R5)
1. 400.0 mV range only exists in manual mode.
2. In the 4000V range, if the digit number is larger than 1000V, LCD will display
“OL”.
The measurement of true RMS using ES636
If ES636 (or other true RMS-to-DC converter chip) is used for true RMS measurement,
the suggested application circuit is shown in Figure 1. When ES636 is used for true
RMS, make ADO and ADI pin short, keep TEST5 pin float, and connect ACVL pin to
SGND. And connect OVSG pin to AGND through a switch in ACV mode.


Similar Part No. - ES51984

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
More results

Similar Description - ES51984

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com