Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51982 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES51982
Description  3 1/2 CAP AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51982 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES51982 Datasheet HTML 1Page - Cyrustek corporation ES51982 Datasheet HTML 2Page - Cyrustek corporation ES51982 Datasheet HTML 3Page - Cyrustek corporation ES51982 Datasheet HTML 4Page - Cyrustek corporation ES51982 Datasheet HTML 5Page - Cyrustek corporation ES51982 Datasheet HTML 6Page - Cyrustek corporation ES51982 Datasheet HTML 7Page - Cyrustek corporation ES51982 Datasheet HTML 8Page - Cyrustek corporation ES51982 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
11/01/05
1
ES51982
3 1/2 CAP AUTO DMM
Features
2000 count display
Full automatic measurement
*Voltage measurement
*Current measurement
*Resistance measurement
Capacitance measurement (Auto range:
2n to 2mF)
(Taiwan patent no: 453443)
20MHz Frequency counter
Range change function
Data hold function
Diode measurement
ADP mode with external reference
voltage
Serial data output (RS232 format)
Auto power off (10 mins) and re-power
on
Low battery detect (3V and 9V)
3V DC power supply
Back light function
Description
ES51982 is an integrated analog-to-digital
converter (ADC) with 2000 counts LCD
display, automatic range selection, and 3V
DC power supply. Automatic range
selection is provided for voltage(AC/DC)
measurement, resistance measurement,
current
measurement,
capacitance
measurement,
frequency
counter.
Expensive and bulky mechanical range
switches are not required. Other features
include data holding, diode measurement,
temperature
measurement,
continuity
checking, low battery detection, auto-
power off, re-power on, and RS232 data
output.
Application
Digital Multimeter


Similar Part No. - ES51982

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
More results

Similar Description - ES51982

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com