Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51969 Datasheet(PDF) 14 Page - Cyrustek corporation

Part # ES51969
Description  6,600 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51969 Datasheet(HTML) 14 Page - Cyrustek corporation

Back Button ES51969_11 Datasheet HTML 10Page - Cyrustek corporation ES51969_11 Datasheet HTML 11Page - Cyrustek corporation ES51969_11 Datasheet HTML 12Page - Cyrustek corporation ES51969_11 Datasheet HTML 13Page - Cyrustek corporation ES51969_11 Datasheet HTML 14Page - Cyrustek corporation ES51969_11 Datasheet HTML 15Page - Cyrustek corporation ES51969_11 Datasheet HTML 16Page - Cyrustek corporation ES51969_11 Datasheet HTML 17Page - Cyrustek corporation ES51969_11 Datasheet HTML 18Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
v2.61
14
10/09/27
2. Measurement Mode Switching
Measurement mode depends on the logic level of SLACDC, FC1, FC2, FC3, FC4, FC5,
and KEY. When FC5 is high, the measurement mode list is below.
SLACDC
FC1
FC2
FC3
FC4
Mode
Function of KEY
0
1
0
1
1
Voltage Measurement
DCV
↔ ACV
0
1
1
0
1
123Auto DC Current Measurement(
µA)
DCA
↔ ACA
0
1
1
1
1
123Auto DC Current Measurement(mA)
DCA
↔ ACA
0
0
0
0
0
166A DC Current Measurement(A)
DCA
↔ ACA
X
1
1
1
0
Duty Cycle Measurement
0
1
1
0
0
2Manual DC 6.600A
DCA
↔ ACA
0
1
0
0
0
2Manual DC 66.00A
DCA
↔ ACA
0
1
0
1
0
2Manual DC 660.0A
DCA
↔ ACA
0
1
0
0
1
2Manual DC 6600A
DCA
↔ ACA
0
0
0
1
1
Resistance Measurement
Ω ↔ Continuity
0
0
0
0
1
Continuity Check
Continuity
↔ Diode
0
0
1
1
1
Resistance Measurement
Ω ↔ Continuity ↔ Diode
0
0
0
1
0
Frequency Measurement
0
0
1
1
0
Capacitance Measurement
0
0
1
0
0
Temperature Measurement
↔ ℉
1
1
0
1
1
Voltage Measurement
ACV
↔ DCV
1
1
1
0
1
123Auto AC Current Measurement(
µA)
AC
µA ↔ DCµA
1
1
1
1
1
123Auto AC Current Measurement(mA)
ACmA
↔ DCmA
1
0
0
0
0
166A AC Current Measurement(A)
ACA
↔ DCA
1
1
1
0
0
2Manual AC 6.600A
ACA
↔ DCA
1
1
0
0
0
2Manual AC 66.00A
ACA
↔ DCA
1
1
0
1
0
2Manual AC 660.0A
ACA
↔ DCA
1
1
0
0
1
2Manual AC 6600A
ACA
↔ DCA
1
0
0
1
1
*ADP0
1
0
0
0
1
*ADP1
1
0
1
1
1
*ADP2
1
0
0
1
0
*ADP3
1
0
1
1
0
Capacitance Measurement (Clamp)
1
0
1
0
0
Temperature Measurement
↔ ℃
X
0
1
0
1
Resistance Measurement
Ω ↔ Diode
X
means “don’t care”.
*When FC5 is high, the ADP0, ADP1, ADP2 and ADP3 modes can display minus sign.
1
These modes could be designed for multimeter current modes, please refer to section 1.3.
2
These modes could be designed for clampmeter current modes, please refer to section 1.4.
3
These modes could be designed for clampmeter 2-range automatic voltage modes, please refer to
section 1.5.


Similar Part No. - ES51969_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results

Similar Description - ES51969_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967_11 Datasheet
820Kb / 30P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com