Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51950 Datasheet(PDF) 3 Page - Cyrustek corporation

Part # ES51950
Description  Dual Display/Cap
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51950 Datasheet(HTML) 3 Page - Cyrustek corporation

  ES51950 Datasheet HTML 1Page - Cyrustek corporation ES51950 Datasheet HTML 2Page - Cyrustek corporation ES51950 Datasheet HTML 3Page - Cyrustek corporation ES51950 Datasheet HTML 4Page - Cyrustek corporation ES51950 Datasheet HTML 5Page - Cyrustek corporation ES51950 Datasheet HTML 6Page - Cyrustek corporation ES51950 Datasheet HTML 7Page - Cyrustek corporation ES51950 Datasheet HTML 8Page - Cyrustek corporation ES51950 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
v2.3
10/06/25
3
ES51950(5000counts)
Dual Display/Cap
Pin Description
Pin No
Symbol
Type Description
1
ADO_A
O
Output of internal AC to DC OP Amp for ACA mode.
2
ADI_A
I
Negative input of internal AC to DC OP Amp for ACA mode.
3
TEST5_A
O
Buffer output of SGND for ACA mode
4
ACVL_A
O
DC signal low input in ACA mode. Connect to negative output
of external AC to DC converter.
5
ACVH_A
O
DC signal high input in ACA mode. Connect to positive output of
external AC to DC converter.
6
CSH+
I/O
Cap for duty-cycle mode
7
CSH-
I/O
Cap for duty-cycle mode
8
VA-
I
For ADP mode. De-integrating voltage negative input
9
IVSL
I
Current measurement input for higher range.
10
IVSH
I
Current measurement input for lower range.
11
ADP
I
Measurement input in ADP mode. (Current/Temperature/NCV mode)
12
RAZ_A
O
Buffer output pin in AZ and ZI phase for ADC_A.
13
BUF_A
O
Buffer output pin for ADC_A. Connect to integral resistor
14
CAZ_A
O
Auto-zero capacitor connection for ADC_A.
15
CINT_A
O
Integrator output for ADC_A. Connect to integral capacitor.
16
CLN_A
I/O
Negative connection for reference capacitor of ADC_A.
17
CLP_A
I/O
Positive connection for reference capacitor of ADC_A.
18
VRH
O
Output of band-gap voltage reference. Typically –1.23V
19
CLP_V
I/O
Positive connection for reference capacitor of ADC_V.
20
CLN_V
I/O
Negative connection for reference capacitor of ADC_V.
21
CINT_V
O
Integrator output for ADC_V. Connect to integral capacitor.
22
CAZ_V
O
Auto-zero capacitor connection for ADC_V.
23
BUF_V
O
Buffer output pin for ADC_V. Connect to integral resistor
24
RAZ
O
Buffer output pin in AZ and ZI phase for ADC_V.
25-28
OHMC1-4
O
Filter capacitor connection1-4 for resistance mode.
29
VR_A
I
Reference input voltage in current mode or ADP. Typically –400mV
30
DAC_AO
O
DAC output for current mode or ADP input mode
31
VR
I
Reference input voltage in voltage mode. Typically –400mV
32
DAC_VO
O
DAC output for voltage mode
33
OR1
O
Reference resistor connection for 500.00Ω range
34
VR5
O
Voltage measurement ÷10000 attenuator(1000V)
35
VR4
O
Voltage measurement ÷1000 attenuator(500.0V)
36
VR3
O
Voltage measurement ÷100 attenuator(50.00V)
37
VR2
O
Voltage measurement ÷10 attenuator(5.000V)
38
OVSG
O
Sense low voltage for resistance/voltage measurement
39
VR1
I
Measurement Input. Connect to a precise 10MΩ resistor.
40
ACVL_V
O
DC signal low input in ACV mode. Connect to negative output
of external AC to DC converter.
41
ACVH_V
O
DC signal high input in ACV mode. Connect to positive output of
external AC to DC converter.
42
ADI_V
I
Negative input of internal AC to DC OP Amp for ACV mode.
43
ADO_V
O
Output of internal AC to DC OP Amp for ACV mode.
44
TEST5_V
O
Buffer output of OVSG for ACV mode
45
SGND
G
Signal Ground.
46
CA-
I/O
Negative auto-zero capacitor connection for capacitor measurement
47
CA+
I/O
Positive auto-zero capacitor connection for capacitor measurement
48
R9K
O
Connect to a precise 9KΩ resister for capacitor measurement.
49
R1K
O
Connect to a precise 1KΩ resister for capacitor measurement.
50
OVX
I
Sense input for resistance/capacitance measurement
51
OVH
O
Output connection for resistance measurement
52
OVH1
O
Output connection for resistance measurement (Optional)


Similar Part No. - ES51950

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
   Dual Display/Inrush
More results

Similar Description - ES51950

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51945 CYRUSTEK-ES51945 Datasheet
608Kb / 30P
   Dual Display/No Cap
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
   Dual Display/Inrush
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com