Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51927 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES51927
Description  6000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51927 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES51927 Datasheet HTML 1Page - Cyrustek corporation ES51927 Datasheet HTML 2Page - Cyrustek corporation ES51927 Datasheet HTML 3Page - Cyrustek corporation ES51927 Datasheet HTML 4Page - Cyrustek corporation ES51927 Datasheet HTML 5Page - Cyrustek corporation ES51927 Datasheet HTML 6Page - Cyrustek corporation ES51927 Datasheet HTML 7Page - Cyrustek corporation ES51927 Datasheet HTML 8Page - Cyrustek corporation ES51927 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Ver 2.9
1
10/06/25
ES51927
6000 Counts Smart DMM
Features
6000 counts LCD display
3V DC power supply
Conversion rate: 3 times/s (voltage mode)
Full automatic measurement:
*Voltage/Current: AC/DC auto scanning
& auto range: 6.000V~1000V
*Resistance/Diode/Capacitance(RDC scan)
(Taiwan patent no.: 326361)
Auto scanning & auto range:
Resistance: 600.0Ω~6.000MΩ
Capacitance: 6.000nF~600.0uF
(Taiwan patent no.: 323347,453443)
Push functions
Function selection by single key
Range change function
Hold function
VAHZ function
Back light function
Support non-contact voltage detection
High voltage (> 30V) indication of LCD
display for voltage measurement
Built-in HCF(high crest factor detection)
function in AC mode
(Taiwan patent no.: 234661)
OL level selection (600V/1000V/1500V)
Band-gap reference voltage output
Auto power off (3min. or 10min.) &
re-power on
Sleep output indication
On-chip buzzer driver
Low battery detection
Application
Smart digital multi-meter
Smart clamp meter
General description
ES51927 is an integrated ADC with 6000 counts
LCD display driver. It could support fully
automatic DMM function measurement. In
voltage or current mode, the AC or DC signals
auto scanning. In R/D/C (passive component)
mode,
resistance
(including
continuity),
capacitance or diode measurements are allowed
by fully automatic detection. A single key and
simple switch could select all measurements.
Expensive and bulky mechanical range switches
are not required. A non-contact electric field
detector (EF mode) is built-in for ac voltage
measurement also. Other features including
range control, data hold, VAHz and back light
function are available. For power saving, an auto
power off & re-power on scheme are built-in. A
sleep output is the indication of entering auto
power off mode.


Similar Part No. - ES51927

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
More results

Similar Description - ES51927

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com