Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES51911 Datasheet(PDF) 19 Page - Cyrustek corporation

Part No. ES51911
Description  11,000 Counts Auto DMM
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYRUSTEK [Cyrustek corporation]
Homepage  http://www.cyrustek.com.tw
Logo 

ES51911 Datasheet(HTML) 19 Page - Cyrustek corporation

Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
v1.2
11/09/06
19
State diagram for Zero + HOLD mode:
State diagram for Zero + Max/Min + HOLD mode:
Original State
‘Zero’Active
Show DN+K - DN
‘Zero’ ‘Max’Active
Show Max. DN+K - DN
Vl
‘Zero’ ‘Min’Active
Show Min. DN+K - DN
Vl
‘Zero’ ‘Max’ ‘Hold’Active
Hold Max. DN+K - DN Value
‘Zero’ ‘Min’ ‘Hold’Active
Hold Min. DN+K - DN Value
Press HOLD
Press HOLD
Press Max/Min
Press Max/Min < 1s
Press Max/Min < 1s
Press Max/Min > 1s
Press Zero > 1s
Press Zero
Press Zero < 1s
Original State
‘Zero’Active
Show DN+K - DN
Press Zero > 1s
Press Zero
Press Zero < 1s
‘Zero’‘Hold’Active
Stop LCD upgrading
Press Hold
Original State
‘Zero’Active
Show DN+K - DN
Press Zero > 1s
Press Zero
Press Zero < 1s


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn