Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51911 Datasheet(PDF) 28 Page - Cyrustek corporation

Part # ES51911
Description  11,000 Counts Auto DMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51911 Datasheet(HTML) 28 Page - Cyrustek corporation

Back Button ES51911_11 Datasheet HTML 21Page - Cyrustek corporation ES51911_11 Datasheet HTML 22Page - Cyrustek corporation ES51911_11 Datasheet HTML 23Page - Cyrustek corporation ES51911_11 Datasheet HTML 24Page - Cyrustek corporation ES51911_11 Datasheet HTML 25Page - Cyrustek corporation ES51911_11 Datasheet HTML 26Page - Cyrustek corporation ES51911_11 Datasheet HTML 27Page - Cyrustek corporation ES51911_11 Datasheet HTML 28Page - Cyrustek corporation ES51911_11 Datasheet HTML 29Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
v1.2
11/09/06
28
7. Application Circuit
Notes:
1. Most of pins are protected by the ESD protection circuits. However pins, V+, V-, AGND, DGND and
VR1 are not protected enough because the parasitic effect must be decrease. Therefore enough external
protection is needed for assembling, carrying and keeping. In addition, components connecting to these
unprotected pins have to be soldered on board before the IC is soldered.
2. Cp is the compensation capacitor for measuring capacitance. Its value depends on the parasitic
capacitor on the PCB board.
3. Light shielding for the diodes and Zeners.
4. Zener diodes in above circuit are used for IC protection, so MUST be soldered on PCB first.
V+
V+
CREF+
CREF-
CINT (5)
CAZ
BUFF
RAZ
IVSH
IVSL (10)
OVX
OVH
OVSG
OR1
VR5 (15)
VR4
VR3
VR2
TEST5
ACVL (20)
ACVH
ADI
ADO
ADOHZ
OPO (25)
OPIN+
OPIN-
PWD
VRH
VR (30)
10A
100
99.5
1K
10K
101K
1.111M
91K
10K
+
0.47μ
0.1μ
0.1μ
10μ
10μ
3V
+
+
5.6V ZI
7.5V ZI
(80) RANGE
HOLD
REL_ZERO
NC
VAHZ
(75) MAX/MIN
BKOUT
BUZOUT
BUZIN
ANNUNC
(70) BP1
BP2
BP3
BP4
SEG01
(65) SEG02
SEG03
SEG04
SEG05
SEG06
(60) SEG07
SEG08
SEG09
SEG10
SEG11
(55) SEG12
SEG13
SEG14
SEG15
SEG16
100n
470n
90k
0.1μ
30k
7.5K
7.5K
0.1μ
4.7μ
88M
2K
6K
D1
D2
+
+
ADP
+
9K
1K
V-
5.6V ZI
1.5K
100K
220p
PTC
Ω
100K
Cp
C
V/Ω/
900
90
9
0.99
0.01
μA
μA
μA/mA
mA
mA
100K
100K
10A
SGND
μA
mA
V-
Hz
1.5K
PTC
4M
V-


Similar Part No. - ES51911_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
More results

Similar Description - ES51911_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com