Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH216 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. SFH216
Description  Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH216 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH216 Datasheet HTML 1Page - Siemens Semiconductor Group SFH216 Datasheet HTML 2Page - Siemens Semiconductor Group SFH216 Datasheet HTML 3Page - Siemens Semiconductor Group SFH216 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SFH 216
Semiconductor Group
413
Relative spectral sensitivity
Srel = f (λ)
Dark current
IR = f (VR), E = 0
Photocurrent IP = f (Ev), VR = 5 V
Open-circuit-voltage VO = f (Ev)
Capacitance
C = f (VR), f = 1 MHz, E = 0
Total power dissipation
Ptot = f (TA)
Dark current
IR = f (TA), VR = 1 V, E = 0
Directional characteristics Srel = f (ϕ)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SFH203Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time 1 2 3 4 Siemens Semiconductor Group
SFH203PSilizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time 1 2 3 4 Siemens Semiconductor Group
SFH213Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time 1 2 3 4 Siemens Semiconductor Group
SFH214Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time 1 2 3 4 Siemens Semiconductor Group
SFH229Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time 1 2 3 4 5 Siemens Semiconductor Group
SFH2540FASilizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time 1 2 3 4 Siemens Semiconductor Group
SFH2801Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time 1 2 3 4 5 Siemens Semiconductor Group
BPX63Silizium-Fotodiode mit sehr kleinem Dunkelstrom Silicon Photodiode with Very Low Dark Current 1 2 3 4 Siemens Semiconductor Group
SFH2030Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter 1 2 3 4 Siemens Semiconductor Group
SFH217Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn