Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE400C-G Datasheet(PDF) 1 Page - Comchip Technology

Part # P6KE400C-G
Description  600W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE400C-G Datasheet(HTML) 1 Page - Comchip Technology

  P6KE400C-G Datasheet HTML 1Page - Comchip Technology P6KE400C-G Datasheet HTML 2Page - Comchip Technology P6KE400C-G Datasheet HTML 3Page - Comchip Technology P6KE400C-G Datasheet HTML 4Page - Comchip Technology P6KE400C-G Datasheet HTML 5Page - Comchip Technology P6KE400C-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P6KE-G Series
Stand-off Voltage: 6.8 ~ 600V
Power Dissipation: 600 Watts
RoHS Device
QW-BTV06
Page 1
REV:C
Symbol
Parameter
Value
Unit
Maximum Ratings and Electrical Characteristics
Peak power dissipation with a 10/1000 s
μ
(Note 1)
100
Features
-Plastic package has underwriters laboratory
flammability classification 94V-0
-600W, surge capability at 1mS.
-Excellent clamping capability.
-Low Zener impedance.
-Fast response time: typically less than 1.0pS from
0 volt to BV min.
-Typical IR less than 1μA above 10V.
Mechanical Data
-Case: Molded plastic DO-15
-Terminals: Axial leads solderable per MIL-STD-202
, Method 208
-Polarity: Color band denotes positive end
(cathode)
-Weight: 0.4 grams
Dimensions in inches and (millimeter)
DO-15
Peak forward surge current, 8.3mS single
half sine-wave unidirectional only
(JEDEC method) (Note 2)
Operating junction and storage temperature
range
PPP
5.0
600
-55 to +150
W
W
A
O
C
O
Power dissipation on infinite heatsink at TL=75 C
NTOES:
O
(1) Non-repetitive current pulse, per fig.5 and derated above TA=25 C per fig. 1
(2) Measured on 8.3ms single half sine-wave or equivalent square wave,equare wave,duty cycle=4 pulses per minute maximum
(3) VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
PD
IFSM
TJ, TSTG
1.000(25.40)
MIN.
0.300(7.63)
0.230(5.85)
0.142(3.61)
0.102(2.60)
0.033(0.84)
0.027(0.71)
1.000(25.40)
MIN.
Peak pulse current with a 10/1000
waveform
μs
(Note 1)
IPP
See Next Table
A
waveform
3.5/5.0
Maximum instantantaneous forward voltage at
50 A for unidirectional only(Note 3)
V
VF
600W Transient Voltage Suppressor
-Epoxy: UL 94V-0 rate flame retardant


Similar Part No. - P6KE400C-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P6KE400C-G COMCHIP-P6KE400C-G Datasheet
132Kb / 5P
   600W Transient Voltage Suppressor
More results

Similar Description - P6KE400C-G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com