Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-41815-0185 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # A-41815-0185
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-41815-0185 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button A-41815-0185 Datasheet HTML 3Page - Molex Electronics Ltd. A-41815-0185 Datasheet HTML 4Page - Molex Electronics Ltd. A-41815-0185 Datasheet HTML 5Page - Molex Electronics Ltd. A-41815-0185 Datasheet HTML 6Page - Molex Electronics Ltd. A-41815-0185 Datasheet HTML 7Page - Molex Electronics Ltd. A-41815-0185 Datasheet HTML 8Page - Molex Electronics Ltd. A-41815-0185 Datasheet HTML 9Page - Molex Electronics Ltd. A-41815-0185 Datasheet HTML 10Page - Molex Electronics Ltd. A-41815-0185 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 7 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
RIGHT ANGLE
Assy. Proc:
Assy. Proc:
RIGHT ANGLE
Assy. Proc:
BOTTOM ENTRY
Housing No:
41815-N-AN
Housing No:
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Options
WITH RAMP
Options
Options
WITH RAMP
Options
WITH RAMP
Terminal No:
4244-A-197A
Terminal No:
Terminal No:
2144-AA-A1AA-208B
Terminal No:
2188-1-208
Term Matl:
PHOS BRONZE
Term Matl:
Term Matl:
BRASS
Term Matl:
BRASS
Plating:
197 – TIN
Plating:
Plating:
208 – 15 GOLD
Plating:
208 – 15 GOLD
Dim C:
(3.68) / .145
Dim C:
Dim C:
(3.68) / .145
Dim C:
(3.18) / .125
Voids:
NONE
Voids:
Voids:
NONE
Voids:
NONE
Hooks Cut:
NO
Hooks Cut:
Hooks Cut:
NO
Hooks Cut:
NO
Packaging:
PK-41815-001 TRAY
Packaging:
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
09-48-1023
A-41815-0369
09-48-3025
A-41815-0425
09-48-3024
A-41815-0439
3
09-48-1033
A-41815-0370
09-48-3035
A-41815-0426
09-48-3034
A-41815-0440
4
09-48-1043
A-41815-0371
09-48-3045
A-41815-0427
09-48-3044
A-41815-0441
5
09-48-1053
A-41815-0372
09-48-3055
A-41815-0428
09-48-3054
A-41815-0442
6
09-48-1063
A-41815-0373
09-48-3065
A-41815-0429
09-48-3064
A-41815-0443
7
09-48-1073
A-41815-0374
09-48-3075
A-41815-0430
09-48-3074
A-41815-0444
8
09-48-1083
A-41815-0375
09-48-3085
A-41815-0431
09-48-3084
A-41815-0445
9
09-48-1093
A-41815-0376
09-48-3095
A-41815-0432
09-48-3094
A-41815-0446
10
09-48-1103
A-41815-0377
09-48-3105
A-41815-0433
09-48-3104
A-41815-0447
11
09-48-1113
A-41815-0378
09-48-3115
A-41815-0434
09-48-3114
A-41815-0448
12
09-48-1123
A-41815-0379
09-48-3125
A-41815-0435
09-48-3124
A-41815-0449
13
09-48-1133
A-41815-0380
09-48-3135
A-41815-0436
09-48-3134
A-41815-0450
14
09-48-1143
A-41815-0381
09-48-3145
A-41815-0437
09-48-3144
A-41815-0451
15
09-48-1153
A-41815-0382
09-48-3155
A-41815-0438
09-48-3154
A-41815-0452


Similar Part No. - A-41815-0185

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41815-0100 MOLEX-A-41815-0100 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0101 MOLEX-A-41815-0101 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0102 MOLEX-A-41815-0102 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0103 MOLEX-A-41815-0103 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0104 MOLEX-A-41815-0104 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
More results

Similar Description - A-41815-0185

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com