Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4166-35(503) Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 4166-35(503)
Description  TERMINAL PIN 0.64 / .025 SQ. WIRE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

4166-35(503) Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  4166-35(503) Datasheet HTML 1Page - Molex Electronics Ltd. 4166-35(503) Datasheet HTML 2Page - Molex Electronics Ltd. 4166-35(503) Datasheet HTML 3Page - Molex Electronics Ltd. 4166-35(503) Datasheet HTML 4Page - Molex Electronics Ltd. 4166-35(503) Datasheet HTML 5Page - Molex Electronics Ltd. 4166-35(503) Datasheet HTML 6Page - Molex Electronics Ltd. 4166-35(503) Datasheet HTML 7Page - Molex Electronics Ltd. 4166-35(503) Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4166
REV:
SHEET No.
SEE SHEET 1
AJ
TITLE:
KK .025 SQ PIN
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 4166-001
SCHAFER
SAMIEC
MARGULIS
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PART NO:
ENG NO:
PART NO:
ENG NO:
4166-1(125)
4166-33(125)
4166-2(125)
4166-34(125)
4166-3(125)
4166-35(125)
4166-4(125)
4166-38(125)
08-59-0605
4166-5(125)
4166-39(125)
4166-7(125)
4166-41(125)
4166-8(125)
4166-42(125)
08-59-0609
4166-9(125)
4166-43(125)
4166-10(125)
4166-46(125)
4166-11(125)
4166-47(125)
4166-12(125)
4166-58(125)
4166-15(125)
4166-60(125)
4166-17(125)
4166-64(125)
4166-18(125)
4166-65(125)
4166-20(125)
4166-66(125)
4166-22(125)
4166-67(125)
4166-25(125)
4166-68(125)
4166-27(125)
4166-69(125)
4166-30(125)
4166-74(125)
4166-31(125)
PART NO:
ENG NO:
PART NO:
ENG NO:
4166-1(126)
4166-33(126)
08-60-0602
4166-2(126)
4166-34(126)
4166-3(126)
4166-35(126)
4166-4(126)
4166-38(126)
4166-5(126)
4166-39(126)
4166-7(126)
4166-41(126)
4166-8(126)
4166-42(126)
4166-9(126)
4166-43(126)
4166-10(126)
4166-46(126)
4166-11(126)
4166-47(126)
4166-12(126)
4166-58(126)
4166-15(126)
4166-60(126)
4166-17(126)
4166-64(126)
4166-18(126)
4166-65(126)
4166-20(126)
4166-66(126)
4166-22(126)
4166-67(126)
4166-25(126)
4166-68(126)
4166-27(126)
4166-69(126)
4166-30(126)
4166-74(126)
4166-31(126)


Similar Part No. - 4166-35(503)

ManufacturerPart #DatasheetDescription
logo
Heyco.
4166 HEYCO-4166 Datasheet
121Kb / 1P
   Lockit™ Loops
logo
Molex Electronics Ltd.
41661 MOLEX-41661 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
41661-0001 MOLEX5-41661-0001 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits
41661-0001 MOLEX11-41661-0001 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0002 MOLEX5-41661-0002 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits
More results

Similar Description - 4166-35(503)

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
038007222 MOLEX-038007222 Datasheet
266Kb / 4P
   WAFER, FRICTION LOCK KK (2.54)/.100 FOR (0.64)/.025 SQ. PINS
2005/03/11
logo
Tyco Electronics
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
logo
Japan Aviation Electron...
MX57A JAE-MX57A Datasheet
924Kb / 6P
   0.64 (025) Non-waterproof SRS Connector
logo
Samtec, Inc
TSM-125-01-S-DV SAMTEC-TSM-125-01-S-DV Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
TSM-105-01-T-DV-P-TR SAMTEC-TSM-105-01-T-DV-P-TR Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
ZW-01-09-L-S-545-090 SAMTEC-ZW-01-09-L-S-545-090 Datasheet
164Kb / 1P
   FLEXIBLE .025 SQ BOARD STACKERS
ZW-05-13-G-S-370-430 SAMTEC-ZW-05-13-G-S-370-430 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-25-10-F-D-551-144 SAMTEC-ZW-25-10-F-D-551-144 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
logo
Tyco Electronics
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
logo
Samtec, Inc
TSM-105-01-F-DV SAMTEC-TSM-105-01-F-DV Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com