Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV30C181K(B)-G Datasheet(PDF) 1 Page - Comchip Technology

Part # TV30C181K(B)-G
Description  SMD Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV30C181K(B)-G Datasheet(HTML) 1 Page - Comchip Technology

  TV30C181K(B)-G Datasheet HTML 1Page - Comchip Technology TV30C181K(B)-G Datasheet HTML 2Page - Comchip Technology TV30C181K(B)-G Datasheet HTML 3Page - Comchip Technology TV30C181K(B)-G Datasheet HTML 4Page - Comchip Technology TV30C181K(B)-G Datasheet HTML 5Page - Comchip Technology TV30C181K(B)-G Datasheet HTML 6Page - Comchip Technology TV30C181K(B)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMD Transient Voltage Suppressor
Working Peak Reverse Voltage: 5.0 to 440 Volts
Power Dissipation: 3000 Watts
RoHS Device
Page 1
REV:F
Features
-Ideally for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Typical IR less than 1μA above 10V.
-Fast response time: typically less than 1nS for
uni-direction, less than 5nS for bi-direction,
from 0V to BV min.
-Use in sensitive electronic protection against
voltage transients induced by inductive load
switching and lighting on ICs, MOSFET, signal
lines of sensor units for consumer, computer,
industrial, automotive and telecommunication.
Mechanical data
-Case: JEDEC DO-214AB, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.21 grams
TV30C5V0-G Thru. TV30C441-G
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeter)
QW-BTV04
Notes:
O
1. Non-repetitive current pulse, per Fig. 5 and derated above TA=25 C, per Fig. 1
2. Measured on 8.3 ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
3. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
Comchip Technology CO., LTD.
Peak power dissipation on 10/1000μS
waveform (Note 1)
Peak pulse current on 10/1000μS
waveform (Note 1)
O
Steady state power dissipation at TL=75 C
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated
load, uni-directional only (Note 2)
Maximum instantaneous forward voltage
at 100A for uni-directional only (Note 3)
Operating junction temperature
Storage temperature range
Value
Units
Symbol
Characteristics
PPP
IPP
PD
IFSM
VF
TJ
TSTG
3000
See Next Table
6.0
300
3.5/5.0
-55 to +150
-55 to +150
W
A
W
A
V
OC
OC
DO-214AB (SMC)
0.245(6.15)
0.220(5.52)
0.126(3.16)
0.22 (2.86)
0.320(8.02)
0.305(7.64)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.000(0.00)
0.060(1.51)
0.030(0.75)
0.103(2.59)
0.079(1.98)
0.280(7.02)
0.260(6.52)
Rating at 25°C ambient temperature unless otherwise specified.


Similar Part No. - TV30C181K(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV30C181J-HF COMCHIP-TV30C181J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV30C181JB-HF COMCHIP-TV30C181JB-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV30C181K(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com