Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV06B141K(B)-G Datasheet(PDF) 2 Page - Comchip Technology

Part # TV06B141K(B)-G
Description  SMD Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV06B141K(B)-G Datasheet(HTML) 2 Page - Comchip Technology

  TV06B141K(B)-G Datasheet HTML 1Page - Comchip Technology TV06B141K(B)-G Datasheet HTML 2Page - Comchip Technology TV06B141K(B)-G Datasheet HTML 3Page - Comchip Technology TV06B141K(B)-G Datasheet HTML 4Page - Comchip Technology TV06B141K(B)-G Datasheet HTML 5Page - Comchip Technology TV06B141K(B)-G Datasheet HTML 6Page - Comchip Technology TV06B141K(B)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD Transient Voltage Suppressor
Electrical Characteristics (TV06B5V0-G Thru. TV06B441-G)
QW-BTV02
V RWM
V BR Min.
V BR Max.
IT
IFSM
IR@V RWM
(V)
(V)
(V)
(mA)
(A)@8.3mS
(V)
IPP (A)
(uA)
UNI
BI
TV06B5V0K(B)-G
5.00
6.40
7.30
10
100
9.6
62.50
800
KD
AD
TV06B5V0J(B)-G
5.00
6.40
7.00
10
100
9.2
65.22
800
KE
AE
TV06B6V0K(B)-G
6.00
6.67
8.15
10
100
11.4
52.63
800
KF
AF
TV06B6V0J(B)-G
6.00
6.67
7.37
10
100
10.3
58.25
800
KG
AG
TV06B6V5K(B)-G
6.50
7.22
8.82
10
100
12.3
48.78
500
KH
AH
TV06B6V5J(B)-G
6.50
7.22
7.98
10
100
11.2
53.57
500
KK
AK
TV06B7V0K(B)-G
7.00
7.78
9.51
1
100
13.3
45.11
200
KL
AL
TV06B7V0J(B)-G
7.00
7.78
8.60
1
100
12.0
50.00
200
KM
AM
TV06B7V5K(B)-G
7.50
8.33
10.20
1
100
14.3
41.96
100
KN
AN
TV06B7V5J(B)-G
7.50
8.33
9.21
1
100
12.9
46.51
100
KP
AP
TV06B8V0K(B)-G
8.00
8.89
10.90
1
100
15.0
40.00
50
KQ
AQ
TV06B8V0J(B)-G
8.00
8.89
9.83
1
100
13.6
44.12
50
KR
AR
TV06B8V5K(B)-G
8.55
9.44
11.50
1
100
15.9
37.74
10
KS
AS
TV06B8V5J(B)-G
8.55
9.44
10.40
1
100
14.4
41.67
10
KT
AT
TV06B9V0K(B)-G
9.00
10.00
12.20
1
100
16.9
35.50
5
KU
AU
TV06B9V0J(B)-G
9.00
10.00
11.10
1
100
15.4
38.96
5
KV
AV
TV06B100K(B)-G
10.0
11.10
13.60
1
100
18.8
31.90
5
KW
AW
TV06B100J(B)-G
10.0
11.10
12.30
1
100
17.0
35.29
5
KX
AX
TV06B110K(B)-G
11.0
12.20
14.90
1
100
20.1
29.85
5
KY
AY
TV06B110J(B)-G
11.0
12.20
13.50
1
100
18.2
32.97
5
KZ
AZ
TV06B120K(B)-G
12.0
13.30
16.30
1
100
22.0
27.27
5
LD
BD
TV06B120J(B)-G
12.0
13.30
14.70
1
100
19.9
30.15
5
LE
BE
TV06B130K(B)-G
13.0
14.40
17.60
1
100
23.8
25.21
5
LF
BF
TV06B130J(B)-G
13.0
14.40
15.90
1
100
21.5
27.91
5
LG
BG
TV06B140K(B)-G
14.0
15.60
19.10
1
100
25.8
23.26
5
LH
BH
TV06B140J(B)-G
14.0
15.60
17.20
1
100
23.2
25.86
5
LK
BK
TV06B150K(B)-G
15.0
16.70
20.40
1
100
26.9
22.30
5
LL
BL
TV06B150J(B)-G
15.0
16.70
18.50
1
100
24.4
24.59
5
LM
BM
TV06B160K(B)-G
16.0
17.80
21.80
1
100
28.8
20.83
5
LN
BN
TV06B160J(B)-G
16.0
17.80
19.70
1
100
26.0
19.67
5
LP
BP
TV06B170K(B)-G
17.0
18.90
23.10
1
100
30.5
21.74
5
LQ
BQ
TV06B170J(B)-G
17.0
18.90
20.90
1
100
27.6
18.63
5
LR
BR
TV06B180K(B)-G
18.0
20.00
24.40
1
100
32.2
20.55
5
LS
BS
TV06B180J(B)-G
18.0
20.00
22.10
1
100
29.2
17.64
5
LT
BT
TV06B200K(B)-G
20.0
22.20
27.10
1
100
35.8
19.76
5
LU
BU
TV06B200J(B)-G
20.0
22.20
24.50
1
100
32.4
18.52
5
LV
BV
TV06B220K(B)-G
22.0
24.40
29.80
1
100
39.4
15.23
5
LW
BW
TV06B220J(B)-G
22.0
24.40
26.90
1
100
35.5
16.90
5
LX
BX
TV06B240K(B)-G
24.0
26.70
32.60
1
100
43.0
13.95
5
LY
BY
TV06B240J(B)-G
24.0
26.70
29.50
1
100
38.9
15.42
5
LZ
BZ
TV06B260K(B)-G
26.0
28.90
35.30
1
100
46.6
12.88
5
MD
CD
TV06B260J(B)-G
26.0
28.90
31.90
1
100
42.1
14.25
5
ME
CE
TV06B280K(B)-G
28.0
31.10
38.00
1
100
50.0
12.00
5
MF
CF
TV06B280J(B)-G
28.0
31.10
34.40
1
100
45.4
13.22
5
MG
CG
TV06B300K(B)-G
30.0
33.30
40.70
1
100
53.5
11.21
5
MH
CH
TV06B300J(B)-G
30.0
33.30
36.80
1
100
48.4
12.40
5
MK
CK
TV06B330K(B)-G
33.0
36.70
44.90
1
100
59.0
10.17
5
ML
CL
TV06B330J(B)-G
33.0
36.70
40.60
1
100
53.3
11.26
5
MM
CM
TV06B360K(B)-G
36.0
40.00
48.90
1
100
64.3
9.33
5
MN
CN
TV06B360J(B)-G
36.0
40.00
44.20
1
100
58.1
10.33
5
MP
CP
TV06B400K(B)-G
40.0
44.40
54.30
1
100
71.4
8.40
5
MQ
CQ
TV06B400J(B)-G
40.0
44.40
49.10
1
100
64.5
9.30
5
MR
CR
Part No.
Absolute Maximum Rating (TA=25°C)
Marking Code
Electrical Characteristic (TA=25°C)
Max V C
Page 2
REV:C


Similar Part No. - TV06B141K(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B141JB-HF COMCHIP-TV06B141JB-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV06B141K(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com