Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE82-G Datasheet(PDF) 6 Page - Comchip Technology

Part # P4KE82-G
Description  400W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE82-G Datasheet(HTML) 6 Page - Comchip Technology

  P4KE82-G Datasheet HTML 1Page - Comchip Technology P4KE82-G Datasheet HTML 2Page - Comchip Technology P4KE82-G Datasheet HTML 3Page - Comchip Technology P4KE82-G Datasheet HTML 4Page - Comchip Technology P4KE82-G Datasheet HTML 5Page - Comchip Technology P4KE82-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
QW-BTV05
Comchip Technology CO., LTD.
Page 6
REV:B
B
Taping Specification For Axial Lead Diodes
L1
L2
E
T
Z
T
E
D
D
90℃±5℃
Do
D1
w
B
Z
T
E
D
L1-L2
DO-41
SYMBOL
A
(mm)
(inch)
0.039 (max)
5.00 ± 0.5
52.0 ± 0.5
72.0 ± 3.0
6.0 ± 0.4
1.0 (max)
330
1.2 (max)
3 (max)
2.047 ± 0.020
0.197± 0.020
0.047 (max)
0.236 ± 0.016
0.118(max)
13
SYMBOL
(mm)
(inch)
2.835 ± 0.118
D1
DO
W
85.7 ± 0.3
3.374 ± 0.012
16.6 ± 0.4
0.654 ± 0.016
DO-41
400W Transient Voltage Suppressor
Standard Packaging
Case Type
5,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
DO-41


Similar Part No. - P4KE82-G

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
P4KE82-LF SIRECT-P4KE82-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE82-G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com