Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH205F Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. SFH205F
Description  Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH205F Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH205F Datasheet HTML 1Page - Siemens Semiconductor Group SFH205F Datasheet HTML 2Page - Siemens Semiconductor Group SFH205F Datasheet HTML 3Page - Siemens Semiconductor Group SFH205F Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SFH 205
SFH 206
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
Silicon-PIN-Photodiode with Daylight Filter
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen bei
950 nm
q
Kurze Schaltzeit (typ. 20 ns)
q
5 mm-Plastikbauform im LED-Gehäuse
q
Auch gegurtet lieferbar
Anwendungen
q
IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern, Gerätefernsteuerungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
Features
q
Especially suitable for applications of
950 nm
q
Short switching time (typ. 20 ns)
q
5 mm LED plastic package
q
Also available on tape
Applications
q
IR-remote control of hi-fi and TV sets, video
tape recorders, dimmers, remote control of
various equipment
q
Light reflecting switches for steady and
varying intensity
SFH 205
SFH 206
Ma
βe in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn