Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE24-G Datasheet(PDF) 5 Page - Comchip Technology

Part # P6KE24-G
Description  600W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE24-G Datasheet(HTML) 5 Page - Comchip Technology

  P6KE24-G Datasheet HTML 1Page - Comchip Technology P6KE24-G Datasheet HTML 2Page - Comchip Technology P6KE24-G Datasheet HTML 3Page - Comchip Technology P6KE24-G Datasheet HTML 4Page - Comchip Technology P6KE24-G Datasheet HTML 5Page - Comchip Technology P6KE24-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RATING AND CHARACTERISTIC CURVES (P6KE-G Series)
Page 5
QW-BTV06
REV:C
20
Number of Cycles at 60 Hz
1
Fig.1 - Pulse Derating Curve
0
O
Ambient Temperature,TA ( C)
0
25
50
75
100
125
150
175
200
25
50
75
100
40
80
100
10
100
Fig.4 - Peak Pulse Power Rating Curve
0.1
Pulse Width,td (μs)
0.1
TJ=TJ Max
8.3 ms Single Half
Sine-Wave
1
10
100
1000
10000
1
10
100
Fig.3 - Steady State Power
Derating Curve
0
O
Lead Temperature,
(
TL
C)
0
25
50
75
100
125
150
200
250
1.0
2.0
3.0
4.0
5.0
TR=10uS
Half value=IPP/2
O
TJ=25 C
td
Pulse width(td) is
defined as the point
where the peak current
decays to 50% of Ipp
10/1000 sec. waveform
μ
as defined by R.E.A.
Fig.5 - Pulse Waveform
0
Time, (mS)
0
1.0
2.0
3.0
4.0
100
50
60
0
Fig.6 - Typical Junction Capacitance
100
10
1
10
100
1000
1
Reverse Breakdown Voltage,
(V)
VBR
10000
Bi-directional
@zero bias
Uni-directional
@zero bias
Uni-directional
@VRWM
Bi-directional @ VRWM
TJ=25
f=1.0MHz
OC
1000
Fig.2 - Maximum Non-Repetitive
Current
Surge
Peak Value (IPP)
600W Transient Voltage Suppressor


Similar Part No. - P6KE24-G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P6KE24-AP MCC-P6KE24-AP Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Sirectifier Global Corp...
P6KE24-LF SIRECT-P6KE24-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
P6KE24-TP MCC-P6KE24-TP Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
More results

Similar Description - P6KE24-G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com