Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV30C220J(B)-G Datasheet(PDF) 7 Page - Comchip Technology

Part # TV30C220J(B)-G
Description  SMD Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV30C220J(B)-G Datasheet(HTML) 7 Page - Comchip Technology

  TV30C220J(B)-G Datasheet HTML 1Page - Comchip Technology TV30C220J(B)-G Datasheet HTML 2Page - Comchip Technology TV30C220J(B)-G Datasheet HTML 3Page - Comchip Technology TV30C220J(B)-G Datasheet HTML 4Page - Comchip Technology TV30C220J(B)-G Datasheet HTML 5Page - Comchip Technology TV30C220J(B)-G Datasheet HTML 6Page - Comchip Technology TV30C220J(B)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
QW-BTV04
Comchip Technology CO., LTD.
Page 7
REV:F
SMD Transient Voltage Suppressor
Marking Code
C
XXX
1. C: COMCHIP
PKG
SMC
C
3. XXX: Marking code(see Page.3~5)
4.
: Cathod Band
A
B
C
E
D
SIZE
(inch)
0.244
(mm)
6.20
1.60
4.80
0.063
0.189
7.80
0.307
E
4.60
0.181
B
C
D
A
DO-214AB(SMC)
Suggested PAD Layout
2
1
3
4
2.
: Package
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
DO-214AB
(SMC)


Similar Part No. - TV30C220J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV30C220J COMCHIP-TV30C220J Datasheet
97Kb / 4P
   SMD Transient Voltage Suppressor
TV30C220J-HF COMCHIP-TV30C220J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV30C220JB COMCHIP-TV30C220JB Datasheet
97Kb / 4P
   SMD Transient Voltage Suppressor
TV30C220JB-HF COMCHIP-TV30C220JB-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV30C220J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com