Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4001-G Datasheet(PDF) 2 Page - Comchip Technology

Part # UF4001-G
Description  Ultra Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

UF4001-G Datasheet(HTML) 2 Page - Comchip Technology

  UF4001-G Datasheet HTML 1Page - Comchip Technology UF4001-G Datasheet HTML 2Page - Comchip Technology UF4001-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50Ω
Non-Inductive
10Ω
Non-Inductive
D.U.T.
NON
Inductive
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
(+)
25Vdc
(approx)
(-)
(-)
Notes:1.Rise time=7nS max. Input impedance=1MΩ, 22pF
2.Rise time=10nS max. Source impedance=50Ω
Set time base for
50/100nS/cm
1cm
-1.0A
0
+0.5A
-0.25A
Trr
Page 2
QW-BU006
Ultra Fast Recovery Rectifiers
REV:B
Comchip Technology CO., LTD.
Rating and Characteristic Curves (UF4001
)
-G Thru. UF4007-G
Fig.2 Max. Non-Repetitive Peak
Forward Surge Current
0
Number of Cycles at 60Hz
1
Fig.1 Typical Forward Current
Derating Curve
O
TA, Ambient Temperature (
C)
0
25
75
175
Fig.3 Typical Instantaneous Forward
Characteristics
0.01
VF, Instantaneous Forward Voltage (V)
1
20
0.6
1.0
1.4
0
0.6
1.0
1.6
2.0
100
15
35
1.2
0.1
Fig.4 Typical Reverse Characteristics
0.1
Percent of Peak Reverse Voltage (%)
10
100
1
100
125
0.4
0.8
0.8
1.8
Fig.5 Typical Junction Capacitance
10
VR, Reverse Voltage (V)
1000
0.1
10
100
100
50
150
0.2
10
5
10
25
30
1.2
0
40
80
100
140
20
120
60
1
Single phase
Half wave, 60Hz
Resistive or
inductive load
0.375"(9.5mm)
lead length
20
8.3mS, single half
sine-wave, JEDEC
method.
TJ=TJmax
1 cycle
10
Pulse width=300μs.
1% duty cycle
O
TJ=25 C
O
TJ=100 C
O
TJ=25 C
O
TJ=150 C
f=1MHz
O
TJ=25 C
Vsig=50mVp-p
Fig.6 Test Circuit of Reverse Recovery Time Characteristics


Similar Part No. - UF4001-G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
UF4001-2C1A-2CDO-41 DGNJDZ-UF4001-2C1A-2CDO-41 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
UF4001-DO41 YFWDIODE-UF4001-DO41 Datasheet
294Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volt
logo
Frontier Electronics.
UF4001-LFR FRONTIER-UF4001-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
UF4001-T3 WTE-UF4001-T3 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
UF4001-T3 WTE-UF4001-T3 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
More results

Similar Description - UF4001-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFS330 MICROSEMI-UFS330 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS530 MICROSEMI-UFS530 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
10DF1 NJSEMI-10DF1 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
logo
Central Semiconductor C...
CR8U-02FP CENTRAL-CR8U-02FP_15 Datasheet
475Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N6616 DIGITRON-1N6616 Datasheet
110Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-HF COMCHIP-UF3001-HF Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR6020PT NIUHANG-MUR6020PT Datasheet
305Kb / 3P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-G COMCHIP-UF3001-G Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Microsemi Corporation
UFS110J MICROSEMI-UFS110J Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS305 MICROSEMI-UFS305 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFT2060 MICROSEMI-UFT2060 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com