Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF3002-G Datasheet(PDF) 1 Page - Comchip Technology

Part # UF3002-G
Description  Ultra Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

UF3002-G Datasheet(HTML) 1 Page - Comchip Technology

  UF3002-G Datasheet HTML 1Page - Comchip Technology UF3002-G Datasheet HTML 2Page - Comchip Technology UF3002-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
O
0.375"(9.5mm) lead length @TA=55
C
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
Peak forward voltage at 3.0A DC
Maximum reverse current
at rated DC blocking voltage
Operating temperature range
Storage temperature range
TA=25°C
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Typical thermal resistance (Note 3)
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
trr
CJ
RθJA
TJ
TSTG
3.0
125
5.0
100
20
-55 ~ +125
-55 ~ +150
V
V
V
A
A
nS
PF
°C
°C
μA
°C/W
NOTES:
1. Measured with IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0Volts.
3. Thermal resistance junction to ambient.
Voltage: 50 to 1000 V
Current: 3.0 A
RoHS Device
Dimensions in inches and (millimeter)
DO-27
Features
-Low cost construction.
-Ultra fast switching for high efficiency.
-Low reverse leakage current.
-High forward voltage drop.
-High current capability.
Mechanical data
-Case: JEDEC DO-27 molded plastic .
-Polarity: Color band denotes cathode.
-Lead: Plated axial lead, solderable per MIL-STD-
202E, method 208C
-Mounting position: Any
-Weight: 0.04 ounces, 1.1 grams
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
UF3001-G Thru. UF3008-G
Page 1
QW-BU009
Ultra Fast Recovery Rectifiers
REV:A
Comchip Technology CO., LTD.
0.375(9.5)
1.0(25.40) Min.
0.220(5.60) DIA.
0.052(1.30)
DIA.
0.048(1.20)
DIA.
0.197(5.00) DIA.
0.335(8.5)
1.0(25.40) Min.
1.0
1.7
50
75
-The plastic material carries UL recognition 94V-0
UF
-G
3001
UF
-G
3002
UF
-G
3003
UF
-G
3004
UF
-G
3005
UF
-G
3006
UF
-G
3007
UF
-G
3008
1000
700
1000
300
210
300
1.3
TA=100°C
IR
50
75
50
30
μA
V
Marking UF3001 UF3002 UF3003 UF3004 UF3005 UF3006 UF3007 UF3008
Electrical Characteristics (at TA=25°C unless otherwise noted)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.


Similar Part No. - UF3002-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
UF3002-G COMCHIP-UF3002-G Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
More results

Similar Description - UF3002-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFS330 MICROSEMI-UFS330 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS530 MICROSEMI-UFS530 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
10DF1 NJSEMI-10DF1 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
logo
Central Semiconductor C...
CR8U-02FP CENTRAL-CR8U-02FP_15 Datasheet
475Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N6616 DIGITRON-1N6616 Datasheet
110Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-HF COMCHIP-UF3001-HF Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR6020PT NIUHANG-MUR6020PT Datasheet
305Kb / 3P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
UFS110J MICROSEMI-UFS110J Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS305 MICROSEMI-UFS305 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFT2060 MICROSEMI-UFT2060 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com