Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR5100-G Datasheet(PDF) 3 Page - Comchip Technology

Part # SR5100-G
Description  Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SR5100-G Datasheet(HTML) 3 Page - Comchip Technology

  SR5100-G Datasheet HTML 1Page - Comchip Technology SR5100-G Datasheet HTML 2Page - Comchip Technology SR5100-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
REV:A
Schottky Barrier Rectifier
Comchip
S M D D i o d e S p e c i a l i s t
B
Taping Specification For Axial Lead Diodes
L1
L2
E
A
Z
T
E
90° ± 5°
L
H
W
L1
0.039 (max)
1.00 (max)
L2
0.039 (max)
1.00 (max)
B
Z
T
E
9.30 ± 0.50
52.40 (max)
6.00 ± 0.40
1.20 (max)
0.80 (max)
2.063 (max)
0.366 ± 0.020
0.047 (max)
0.236 ± 0.016
0.031 (max)
A
SYMBOL
(mm)
(inch)
DO-27
L
W
H
75.00
2.953
145.00
5.709
260.00
10.236
D
330.00
13.000
D1
D0
85.70 ± 0.30
3.374 ± 0.012
16.60 ± 0.40
0.654 ± 0.016
W0
72.00 ± 3.00
2.835 ± 0.118
(inch)
(mm)
DO-27
SYMBOL
Standard Packaging
Case Type
DO-27
500
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
9,000
XX / XXX = Product type marking code
SRXXX
Marking Code
SR52
SR54
SR56
SR510
SR515
SR520
Marking Code
Part Number
SR5100-G
SR5150-G
SR5200-G
SR520-G
SR540-G
SR560-G
QW-BB027


Similar Part No. - SR5100-G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR5100-5A-27 DGNJDZ-SR5100-5A-27 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR5100-5A-DO-27 DGNJDZ-SR5100-5A-DO-27 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR5100-5A-TO-220AC DGNJDZ-SR5100-5A-TO-220AC Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
logo
Comchip Technology
SR5100-HF COMCHIP-SR5100-HF Datasheet
58Kb / 3P
   Schottky Barrier Rectifier
logo
Won-Top Electronics
SR5100-T3 WTE-SR5100-T3 Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SR5100-G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com