Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1030-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SF1030-G
Description  SMD Super Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SF1030-G Datasheet(HTML) 1 Page - Comchip Technology

  SF1030-G Datasheet HTML 1Page - Comchip Technology SF1030-G Datasheet HTML 2Page - Comchip Technology SF1030-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Max. Reverse recovery time ( Note 2)
Reverse Voltage: 50 to 600 Volts
Forward Current: 10 Amp
RoHS Device
Features
-Low power loss,high efficiency.
-High surge capacity.
-Low power voltage,high current capability.
-Super fast recouery time, high voltage.
-In compliance with EU RoHS 2002/95/EC directives.
Mechanical data
-Epoxy: UL 94-V0 rated flame retardant.
-Terminals: Lead solderable per MIL-STD-750, method
2026.
-Polarity: As marked
-Weight: 1.56 grams approx.
SF1005-G Thru. SF1060-G
Page 1
QW-BS006
SMD Super Fast Recovery Rectifiers
REV:A
Comchip Technology CO., LTD.
Trr
35
P
F
-Exeeds environmental standards of MIL-S-19500/228
-Case: ITO-220AC molded plastic.
-Standard packaging: Any
Dimensions in inches and (millimeter)
ITO-220AB
0.118(3.00)
0.106(2.70)
0.173(4.40)
0.189(4.80)
0.531(13.50)
0.571(14.50)
0.610(15.50)
0.571(14.50)
0.102(2.60)
0.118(3.00)
0.138(3.50)
0.122(3.10)
0.386( 9.80)
0.406(10.30)
0.030(0.76)
0.020(0.51)
0.059(1.50)
0.030(0.76)
0.020(0.51)
0.112(2.84)
0.088(2.24)
0.114(2.90)
0.098(2.50)
0.043(1.10)
0.04 MAX
(1.0)
0.142(3.60)
0.157(4.00)
Parameter
Symbol
Unit
Maximum Reverse Peak Repetitive Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current
@Tc=75°C
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC METHOD)
Operating Temperature Range
Storage Temperature Range
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TJ
TSTG
150
0.95
1
-55 to +150
-55 to +150
V
V
V
A
A
V
μA
°C
100
70
100
150
105
150
200
140
200
300
210
300
400
280
400
600
420
600
10
3
°C
Maximum DC Reverse Current
At Rate DC Blodking voltage
@TJ=25°C
SF
1005-G
SF
1010-G
SF
1020-G
SF
1030-G
SF
1040-G
SF
1050-G
SF
1060-G
Maximun Ratings and Electrical Characteristics (at TA=25°C unless otherwise noted)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Peak Forward Voltage at 10.0A ,
per element
Typical Junction capacitance (Note 1)
CJ
Typical Thermal Resistance
RθJC
nS
°C/W
1.30
1.70
500
25
62
@TJ=100°C
Comchip
S M D D i o d e S p e c i a l i s t
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0VDC.
2. Reverse recovery test conditions: IF=0.5A, IR=1A, IRR=0.25A
3. Both bonding and chip structure available.


Similar Part No. - SF1030-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SF1030 LUGUANG-SF1030 Datasheet
175Kb / 2P
   Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF1030 DYELEC-SF1030 Datasheet
623Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1030 DYELEC-SF1030 Datasheet
858Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Microdiode Electronics ...
SF1030 CHENDA-SF1030 Datasheet
958Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
logo
Zibo Seno Electronic En...
SF1030 ZSELEC-SF1030 Datasheet
98Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results

Similar Description - SF1030-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFA101-G COMCHIP-CSFA101-G Datasheet
49Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G Datasheet
49Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-G COMCHIP-CSFM101-G_12 Datasheet
97Kb / 4P
   SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G Datasheet
50Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-HF COMCHIP-CSFM101-HF Datasheet
119Kb / 4P
   SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFA101-G COMCHIP-CSFA101-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-G COMCHIP-CSFM101-G Datasheet
50Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFMT101-HF COMCHIP-CSFMT101-HF_12 Datasheet
167Kb / 4P
   Low Profile SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com