Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB580B-G Datasheet(PDF) 3 Page - Comchip Technology

Part # SB580B-G
Description  Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB580B-G Datasheet(HTML) 3 Page - Comchip Technology

  SB580B-G Datasheet HTML 1Page - Comchip Technology SB580B-G Datasheet HTML 2Page - Comchip Technology SB580B-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Leaded Schottky Barrier Rectifiers
Page 3
QW-BB051
REV:A
Comchip Technology CO., LTD.
Comchip
S M D D i o d e S p e c i a l i s t
Marking Code
XXX / XXXX = Product type marking code
SBXXX
Marking Code
Standard Packaging
1) Suffix code after part number to specify packaging item .
Note:
Packaging
AMMO Reel PACK
BULK PACK
Code
T
B
Marking code
Part Number
SB540B-G
SB545B-G
SB550B-G
SB560B-G
SB580B-G
SB5100B-G
SB520T-G
SB540T-G
SB545T-G
SB550T-G
SB560T-G
SB580T-G
SB5100T-G
SB520B-G
Packaging
AMMO REEL
AMMO REEL
AMMO REEL
AMMO REEL
AMMO REEL
AMMO REEL
AMMO REEL
BULK
BULK
BULK
BULK
BULK
BULK
BULK
SB540
SB545
SB550
SB560
SB580
SB5100
SB520
SB540
SB545
SB550
SB560
SB580
SB5100
SB520
Case Type
DO-201AD
200
BOX
( pcs )
BULK PACK
CARTON
( pcs )
12,000
Case Type
DO-201AD
1,200
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK


Similar Part No. - SB580B-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB580 PANJIT-SB580 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Nanjing International G...
SB580 DGNJDZ-SB580 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diotech Company.
SB580 DIOTECH-SB580 Datasheet
663Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SB580 CHENDA-SB580 Datasheet
482Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SB580 TRSYS-SB580 Datasheet
165Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB580B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com