Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-41815-0075 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # A-41815-0075
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-41815-0075 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button A-41815-0075 Datasheet HTML 3Page - Molex Electronics Ltd. A-41815-0075 Datasheet HTML 4Page - Molex Electronics Ltd. A-41815-0075 Datasheet HTML 5Page - Molex Electronics Ltd. A-41815-0075 Datasheet HTML 6Page - Molex Electronics Ltd. A-41815-0075 Datasheet HTML 7Page - Molex Electronics Ltd. A-41815-0075 Datasheet HTML 8Page - Molex Electronics Ltd. A-41815-0075 Datasheet HTML 9Page - Molex Electronics Ltd. A-41815-0075 Datasheet HTML 10Page - Molex Electronics Ltd. A-41815-0075 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 9 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
TOP ENTRY
Assy. Proc:
TOP ENTRY
Assy. Proc:
TOP ENTRY
Assy. Proc:
BOTTOM ENTRY
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Options
WITH RAMP
Options
WITH RAMP
Options
WITH RAMP
Options
WITH RAMP
Terminal No:
2144-BA-A1AA-P909B
Terminal No:
2144-BA-A1AA-197B
Terminal No:
2144-BA-A1AA-208B
Terminal No:
2188-1-208
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Term Matl:
BRASS
Plating:
P909 – TIN
Plating:
197 – TIN
Plating:
208 – 15 GOLD
Plating:
208 – 15 GOLD
Dim C:
(3.05) / .120
Dim C:
(3.05) / .120
Dim C:
(3.05) / .120
Dim C:
(3.18) / .125
Voids:
NONE
Voids:
NONE
Voids:
NONE
Voids:
TERMINAL VOID 2
Hooks Cut:
NO
Hooks Cut:
YES
Hooks Cut:
YES
Hooks Cut:
NO
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
09-48-2028
A-41815-0509
09-48-5028
A-41815-0523
09-48-1025
A-41815-0537
3
09-48-2038
A-41815-0510
09-48-5038
A-41815-0524
09-48-1035
A-41815-0538
41815-0551
41815-0551
4
09-48-2048
A-41815-0511
09-48-5048
A-41815-0525
09-48-1045
A-41815-0539
41815-0552
41815-0552
5
09-48-2058
A-41815-0512
09-48-5058
A-41815-0526
09-48-1055
A-41815-0540
41815-0553
41815-0553
6
09-48-2068
A-41815-0513
09-48-5068
A-41815-0527
09-48-1065
A-41815-0541
41815-0554
41815-0554
7
09-48-2078
A-41815-0514
09-48-5078
A-41815-0528
09-48-1075
A-41815-0542
41815-0555
41815-0555
8
09-48-2088
A-41815-0515
09-48-5088
A-41815-0529
09-48-1085
A-41815-0543
41815-0556
41815-0556
9
09-48-2098
A-41815-0516
09-48-5098
A-41815-0530
09-48-1095
A-41815-0544
41815-0557
41815-0557
10
09-48-2108
A-41815-0517
09-48-5108
A-41815-0531
09-48-1105
A-41815-0545
41815-0558
41815-0558
11
09-48-2118
A-41815-0518
09-48-5118
A-41815-0532
09-48-1115
A-41815-0546
41815-0559
41815-0559
12
09-48-2128
A-41815-0519
09-48-5128
A-41815-0533
09-48-1125
A-41815-0547
41815-0560
41815-0560
13
09-48-2138
A-41815-0520
09-48-5138
A-41815-0534
09-48-1135
A-41815-0548
41815-0561
41815-0561
14
09-48-2148
A-41815-0521
09-48-5148
A-41815-0535
09-48-1145
A-41815-0549
41815-0562
41815-0562
15
09-48-2158
A-41815-0522
09-48-5158
A-41815-0536
09-48-1155
A-41815-0550
41815-0563
41815-0563


Similar Part No. - A-41815-0075

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41815-0075 MOLEX-A-41815-0075 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
More results

Similar Description - A-41815-0075

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com