Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDE2526 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SDE2526
Description  Nonvolatile Memory 2-Kbit E2PROM with I2C Bus Interface with Extended Temperature Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDE2526 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SDE2526 Datasheet HTML 1Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 2Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 3Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 4Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 5Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 6Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 7Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 8Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SDE 2526
Semiconductor Group
84
Memory Reprogramming
The reprogramming cycle of a memory word comprises an erase and a subsequent write process.
During erase, all eight bits of the selected word are set into the "1" state. During write, "0" states are
generated according to the information in the internal data register, i.e. according to the third input
control word. After the 27th and last clock of the control word input, the active programming process
is started by the stop condition. The active reprogramming process is executed under on-chip
control.
The time required for reprogramming depends on component deviation and data patterns.
Therefore, with rated supply voltage, the erase/write process extends over max. 20 ms, or more
typically, 10 ms. In the case of data word input without write request (write request is defined as data
bit in data register set to "0"), the write process is suppressed and the programming time is
shortened. During a subsequent programming of an already erased memory address, the erase
process is suppressed again, so that the reprogramming time is also shortened.
Important: Switch-On Mode and Chip Reset
After the supply voltage
VCC has been connected, the data output will be in high-impedance mode.
As a rule, the first operating mode to be entered, should be the read process of a word address.
As a result of the built-in "power-on reset" circuit, programming requests will not be accepted
immediately after the supply voltage has been switched on.
Total Erase
Enter the control word CS/E, load the address register with address 0 and the data register with FF
(hex) to erase the entire contents of the memory. Switch input CS2 to "open" immediately prior to
generating the stop condition. The subsequent stop condition triggers a total erase. Upon
termination of "total erase", CS2 must be reconnected to either 0 V or
≥ 4.5 V.


Similar Part No. - SDE2526

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDE2506 SIEMENS-SDE2506 Datasheet
416Kb / 10P
   NONVOLATILE MEMORY 1-KBIT E2PROM
More results

Similar Description - SDE2526

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA2526-5 SIEMENS-SDA2526-5 Datasheet
273Kb / 12P
   Nonvolatile Memory 2-Kbit E2PROM with I2C Bus
SDA2546-5 SIEMENS-SDA2546-5 Datasheet
142Kb / 12P
   Nonvolatile Memory 4-Kbit E2PROM with I2C Bus Interface
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
SDA2516-5 SIEMENS-SDA2516-5 Datasheet
272Kb / 12P
   Nonvolatile Memory 1-Kbit E2PROM
SDE2506 SIEMENS-SDE2506 Datasheet
416Kb / 10P
   NONVOLATILE MEMORY 1-KBIT E2PROM
SDA2506-5 SIEMENS-SDA2506-5 Datasheet
147Kb / 10P
   Nonvolatile Memory 1-Kbit E2PROM
SDA2586 SIEMENS-SDA2586 Datasheet
493Kb / 14P
   NONVOLATILE MEMORY 8-KBIT EPROM WITH IC BUS INTERFACE
logo
STMicroelectronics
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
List of Unclassifed Man...
USTIEXT ETC2-USTIEXT Datasheet
182Kb / 3P
   Universal Sensors and Transducer Interface with Extended Temperature Range
logo
Texas Instruments
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com