Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR203GA-G Datasheet(PDF) 4 Page - Comchip Technology

Part # FR203GA-G
Description  Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FR203GA-G Datasheet(HTML) 4 Page - Comchip Technology

  FR203GA-G Datasheet HTML 1Page - Comchip Technology FR203GA-G Datasheet HTML 2Page - Comchip Technology FR203GA-G Datasheet HTML 3Page - Comchip Technology FR203GA-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
REV:A
Comchip Technology CO., LTD.
Fast Recovery Rectifiers
Standard Packaging
Marking Code
XXX = Product type marking code
FRXXXG
Marking code
FR201G
FR202G
FR203G
FR204G
FR205G
FR206G
FR207G
FR201G
Part Number
FR201GT-G
FR202GT-G
FR203GT-G
FR204GT-G
FR205GT-G
FR206GT-G
FR207GT-G
FR201GB-G
FR202GB-G
FR203GB-G
FR204GB-G
FR205GB-G
FR206GB-G
FR207GB-G
FR201GA-G
FR202GA-G
FR203GA-G
FR204GA-G
FR205GA-G
FR206GA-G
FR207GA-G
Packaging
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
REEL
REEL
REEL
REEL
REEL
REEL
REEL
BULK
BULK
BULK
BULK
BULK
BULK
BULK
1) Suffix code after part number to specify packaging item .
Note:
Packaging
AMMO PACK
REEL PACK
Code
A
T
BULK PACK
B
Case Type
DO-15
500
BOX
( pcs )
BULK PACK
CARTON
( pcs )
12,000
Case Type
DO-15
3,000
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
30,000
Case Type
DO-15
4,000
REEL
( pcs )
REEL PACK
Reel Size
(inch)
13
FR202G
FR203G
FR204G
FR205G
FR206G
FR207G
FR201G
FR202G
FR203G
FR204G
FR205G
FR206G
FR207G
QW-BF010


Similar Part No. - FR203GA-G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR203G RECTRON-FR203G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Chongqing Pingwei Enter...
FR203G CHONGQING-FR203G Datasheet
178Kb / 1P
   2.0AMPS . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR203G DAESAN-FR203G Datasheet
274Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
FR203G LUGUANG-FR203G Datasheet
179Kb / 2P
   2.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
FR203G JGD-FR203G Datasheet
138Kb / 2P
   2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR203GA-G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com