Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA5650X Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SDA5650X
Description  VPS / PDC-plus Decoder
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5650X Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SDA5650X Datasheet HTML 1Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 2Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 3Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 4Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 5Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 6Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 7Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 8Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
P-DIP-14-1
P-DSO-20-1
VPS / PDC-plus Decoder
SDA 5650/X
Semiconductor Group
4
02.97
CMOS
Type
Ordering Code
Package
SDA 5650
Q67100-H5164
P-DIP-14-1
SDA 5650X
Q67106-H5163
P-DSO-20-1 (SMD)
1
General Description
The PDC plus SDA 5650 decoder chip receives all
VPS and 8/30 Format 1 and 2 data together with the
teletext header information for easy identification of
broadcast transmitter. The SDA 5650 includes a
storage capacity of 16 bytes which can be used in
different ways depending on selected modes.
1.1
Features
• Single chip receiver for PDC data for
Broadcast Data Service Packet (BDSP 8/30/2
according to CCIR teletext system B.)
VPS Data in dedicated line no. 16 of the vertical
blanking interval (VBI)
• Reception of BDSP packet 8/30/1
Unified Date and Time (UDT)
Network indentification code (NIC)
Short program label (SPL)
• Reception of teletext header row
Bytes no. 14 - 45 containing date, clock time and identification
• On chip data slicer
• Low external component count
• I2C-Bus interface
Communication with external microcontroller
• PDC/VPS operation mode selectable via I2C-Bus register
• Pin and software compatible to PDC/VPS decoder SDA 5649
• 5 V supply voltage
• Video input signal level: 0.7 Vpp to 2.0 Vpp
• Technology: CMOS
• P-DIP-14-1 and P-DSO-20-1 package


Similar Part No. - SDA5650X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
SDA5642-6X SIEMENS-SDA5642-6X Datasheet
684Kb / 27P
   VPS-Decoder
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5648X SIEMENS-SDA5648X Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
More results

Similar Description - SDA5650X

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
logo
Zarlink Semiconductor I...
MV1822 ZARLINK-MV1822 Datasheet
584Kb / 11P
   PDC VPS AND TIME RECEIVER
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
logo
Sanyo Semicon Device
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
logo
Siemens Semiconductor G...
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
NXP Semiconductors
SAA5233 PHILIPS-SAA5233 Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
logo
Zarlink Semiconductor I...
MV1821 ZARLINK-MV1821 Datasheet
586Kb / 8P
   VIDEO CASSETTE RECORDER PDC AND VPS INTERFACE CIRCUIT
logo
STMicroelectronics
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
logo
Siemens Semiconductor G...
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com