Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1029 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC1029
Description  GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1029 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC1029 Datasheet HTML 1Page - Hittite Microwave Corporation HMC1029 Datasheet HTML 2Page - Hittite Microwave Corporation HMC1029 Datasheet HTML 3Page - Hittite Microwave Corporation HMC1029 Datasheet HTML 4Page - Hittite Microwave Corporation HMC1029 Datasheet HTML 5Page - Hittite Microwave Corporation HMC1029 Datasheet HTML 6Page - Hittite Microwave Corporation HMC1029 Datasheet HTML 7Page - Hittite Microwave Corporation HMC1029 Datasheet HTML 8Page - Hittite Microwave Corporation HMC1029 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC1029
v01.0412
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
29 - 37 GHz
Power Compression @ 30 GHz
Output IP3 vs.
Supply Voltage, Pout/Tone = +24 dBm
Output IM3 @ Vdd = +5.5V
Output IM3 @ Vdd = +6V
Output IM3 @ Vdd = +5V
26
31
36
41
46
28
29
30
31
32
33
34
35
36
37
38
5V
5.5V
6V
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
10
12
14
16
18
20
22
24
30 GHz
31 GHz
32 GHz
34 GHz
35 GHz
36 GHz
Pout/TONE (dBm)
0
10
20
30
40
50
60
70
10
12
14
16
18
20
22
24
30 GHz
31 GHz
32 GHz
34 GHz
35 GHz
36 GHz
Pout/TONE (dBm)
0
10
20
30
40
50
60
70
10
12
14
16
18
20
22
24
30 GHz
31 GHz
32 GHz
34 GHz
35 GHz
36 GHz
Pout/TONE (dBm)
Power Compression @ 33 GHz
0
5
10
15
20
25
30
35
40
-9
-6
-3
0
3
6
9
12
15
Pout
Gain
PAE
INPUT POWER (dBm)
0
5
10
15
20
25
30
35
40
-9
-6
-3
0
3
6
9
12
15
Pout
Gain
PAE
INPUT POWER (dBm)


Similar Part No. - HMC1029

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1020LP4E HITTITE-HMC1020LP4E Datasheet
1Mb / 22P
   RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz
logo
Analog Devices
HMC1020LP4E AD-HMC1020LP4E Datasheet
2Mb / 24P
   RMS POWER DETECTOR SINGLE-ENDED
logo
Honeywell Solid State E...
HMC1021 HONEYWELL-HMC1021 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1021 HONEYWELL-ACC-HMC1021 Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC1021D HONEYWELL-HMC1021D Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
More results

Similar Description - HMC1029

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC591 AD-HMC591 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC906A AD-HMC906A Datasheet
594Kb / 12P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998A AD-HMC998A Datasheet
1,009Kb / 16P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC7357LP5GE AD-HMC7357LP5GE Datasheet
659Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC7441 AD-HMC7441 Datasheet
550Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC863ALC4 AD-HMC863ALC4 Datasheet
915Kb / 11P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com