Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL362 Datasheet(PDF) 32 Page - Analog Devices

Part # ADXL362
Description  Micropower Three-Axis 짹2g/짹4g/짹8g
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADXL362 Datasheet HTML 28Page - Analog Devices ADXL362 Datasheet HTML 29Page - Analog Devices ADXL362 Datasheet HTML 30Page - Analog Devices ADXL362 Datasheet HTML 31Page - Analog Devices ADXL362 Datasheet HTML 32Page - Analog Devices ADXL362 Datasheet HTML 33Page - Analog Devices ADXL362 Datasheet HTML 34Page - Analog Devices ADXL362 Datasheet HTML 35Page - Analog Devices ADXL362 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADXL362
Preliminary Technical Data
Rev. PrB | Page 32 of 40
Stream Mode
In Stream Mode, the FIFO always contains the most recent data.
The oldest sample is discarded if space is needed to make room
for a newer sample.
Stream Mode is useful for unburdening a host processor. The
processor can tend to other tasks while data is collected in the
FIFO. When the FIFO fills to a certain number of samples
(specified by FIFO_SAMPLES), it triggers a Watermark
Interrupt. At this point, the host processor can read the contents
of the entire FIFO, and then return to its other tasks as the FIFO
fills again.
The FIFO is placed into Stream Mode by setting the
FIFO_MODE bits in the FIFO_CONTROL register (address
0x28) to binary value 0b10.
Triggered Mode
In Triggered Mode, the FIFO saves samples surrounding an
Activity detection event. The operation is similar to a One-time
Run trigger on an oscilloscope.
The FIFO is placed into Triggered Mode by setting the
FIFO_MODE bits in the FIFO_CONTROL register (address
0x28) to binary value 0b11.
Configuration
The FIFO is configured via registers 0x28 and 0x29. Settings are
described in detail on page 25.
Retrieving Data from FIFO
FIFO data is read by issuing a FIFO read command, described
in the SPI Commands section. Data is formatted as a 16-bit
value as represented in Table 17.
When reading data, the least-significant byte (Bits B7:B0) is
read first, followed by the most-significant byte (Bits B15:B8).
Bits B11:B0 represent the 12-bit, two’s complement acceleration
or temperature data. Bits B13:B12 are sign extension bits, and
bits B15:B14 indicate the type of data, as indicated in Table 17.
Table 17. FIFO Buffer Data Format
B7
B6
B5
B4
B3
B2
B1
B0
Data
LSB
B15
B14
B13
B12
B11
B10
B9
B8
Data Type:
00: x-axis
01: y-axis
10: z-axis
11: temp
Sign
Extension
MSB
Data
Due to the 16-bit data format, it is required that data be read
from the FIFO two bytes at a time. If a multi-byte read is
performed, the number of bytes read should always be an even
number. Multi-byte reads of FIFO data can be performed with
no limit on the number of bytes read. If additional bytes are
read after the FIFO is empty, the data in them will be 0x00.
As each sample set is acquired, it is written into the FIFO in the
following order:
<X-Axis>
<Y-Axis >
<Z-Axis >
<Temperature> [optional]
This pattern repeats until the FIFO is full, at which point the
behavior depends on the FIFO Mode (see the FIFO section on
page 31). If the FIFO has insufficient space for four data entries
(or three entries if temperature is not being stored), then an
incomplete sample set may be stored.
FIFO data is output on a per datum basis: as each data item is
read, the same amount of space is freed up in the stack. Again,
this may lead to incomplete sample sets being present in the
FIFO.
For additional system-level FIFO applications, refer to
application note AN-1025, Utilization of the First In, First Out
(FIFO) Buffer in Analog Devices, Inc. Digital Accelerometers.
INTERRUPTS
Several of the built-in functions of the ADXL362 can trigger
interrupts to alert the host processor of certain status
conditions. Functionality of these interrupts is described in this
section.
Interrupt Pins
Interrupts may be mapped to either (or both) of two designated
output pins, INT1 and INT2, by setting the appropriate bits in
the INTMAP1 and INTMAP2 registers, respectively. All
functions can be used simultaneously. If multiple interrupts are
mapped to one pin, the OR combination of the interrupts
determines the status of the pin.
If no functions are mapped to an interrupt pin, that pin is
automatically configured to a high-impedance (high-Z) state.
The pins are placed in this state upon a reset as well.
When a certain status condition is detected, the pin that
condition is mapped to is activated. The configuration of the
pin is active high by default, so that when it is activated the pin
goes high. However, this configuration can be switched to
active low by setting the INT_LOW pin in the appropriate
INTMAP register.
The INT pins may be connected to the interrupt input of a host
processor and interrupts responded to with an interrupt
routine. Because multiple functions can be mapped to the same


Similar Part No. - ADXL362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
   Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
ADXL362BCCZ-R2 AD-ADXL362BCCZ-R2 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL AD-ADXL362BCCZ-RL Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL7 AD-ADXL362BCCZ-RL7 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
More results

Similar Description - ADXL362

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7450L FREESCALE-MMA7450L Datasheet
394Kb / 22P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_08 Datasheet
519Kb / 36P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L Datasheet
519Kb / 36P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_09 Datasheet
564Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_08 Datasheet
504Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_09 Datasheet
516Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455L NXP-MMA7455L Datasheet
653Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
MMA7456L NXP-MMA7456L Datasheet
693Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 4, 04/2009
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
logo
STMicroelectronics
STEVAL-MKI022V1 STMICROELECTRONICS-STEVAL-MKI022V1 Datasheet
118Kb / 5P
   MEMS 3-axis 짹2g /짹4g /짹8g smart digital output demonstration board based on nano accelerometer LIS331DLH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com