Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7850 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7850
Description  Complete AV Front End
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7850 Datasheet(HTML) 5 Page - Analog Devices

  ADV7850 Datasheet HTML 1Page - Analog Devices ADV7850 Datasheet HTML 2Page - Analog Devices ADV7850 Datasheet HTML 3Page - Analog Devices ADV7850 Datasheet HTML 4Page - Analog Devices ADV7850 Datasheet HTML 5Page - Analog Devices ADV7850 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
ADV7850
Rev. 0 | Page 5 of 32
SPECIFICATIONS
AVDD = 1.8 V ± 5%, VDD to GND = 1.8 V ± 5%, PVDD = 1.8 V ± 5%, TX_AVDD = 1.8 V ± 5%, TX_PVDD = 1.8 V ± 5%, SAVDD =
1.8 V ± 5%, SDVDD = 1.8 V ± 5%, CVDD = 1.8 V ± 5%, DVDDIO = 3.3 V ± 5%, TX_VDD33 = 3.3 V ± 5%, TVDD = 3.3 V ± 5%,
AC_AVDD = 3.3 V ± 5%. TMIN to TMAX = −20°C to +70°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution (Each ADC)
N
12
Bits
Integral Nonlinearity
INL
27 MHz (at a 12-bit level)
−3.0 to +8.0
LSB
54 MHz (at a 12-bit level)
−3.0 to +8.0
LSB
74.25 MHz (at a 12-bit level)
−4.0 to +7.0
LSB
108 MHz (at a 11-bit level)
−3.5 to +8.0
LSB
170 MHz (at a 9-bit level)
−0.7 to +1.8
LSB
Differential Nonlinearity
DNL
27 MHz (at a 12-bit level)
−0.7 to +0.8
LSB
54 MHz (at a 12-bit level)
−0.7 to +0.8
LSB
75 MHz (at a 12-bit level)
−0.7 to +0.8
LSB
108 MHz (at a 11-bit level)
−0.7 to +0.8
LSB
170 MHz (at a 9-bit level)
−0.6 to +0.5
LSB
DIGITAL INPUTS
Input High Voltage
V
IH
XTALN and XTALP pins
1.2
V
Input Low Voltage
V
IL
XTALN and XTALP pins
0.4
V
V
IH
Other digital inputs
2
V
V
IL
Other digital inputs
0.8
V
Input Capacitance
C
IN
10
pF
HDMI
TMDS Differential Pin Capacitance
0.3
pF
DIGITAL INPUTS (5 V TOLERANT)1
Input High Voltage
V
IH
3.0
V
Input Low Voltage
V
IL
0.8
V
Input Current
I
IN
−82
+82
µA
DIGITAL OUTPUTS
Output High Voltage
V
OH
2.4
V
Output Low Voltage
V
OL
0.4
V
High Impedance Leakage Current
I
LEAK
DDC_SCL, DDCA_SDA, DDCB_SCL,
DDCB_SDA, DDCC_SCL,
DDCC_SDA, DDCD_SCL,
DDCD_SDA, VGA_SCL, VGA_SDA,
SPDIF_IN, SHARED_EDID
30
µA
I
LEAK
RXA_5V, RXB_5V, RXC_5V, RXD_5V
and VGA_5V
20
µA
I
LEAK
All other digital pins
10
µA
Output Capacitance
C
OUT
20
pF
1 The following pins are 5 V tolerant: HS_IN1/TRI7, HS_IN2/TRI5, VS_IN1/TRI8, VS_IN2/TRI6, DDCA_SCL, DDCA_SDA, DDCB_SCL, DDCB_SDA, DDCC_SCL, DDCC_SDA,
DDCD_SCL, DDCD_SDA, VGA_SCL, VGA_SDA, TX_DDC_SCL, TX_DDC_SDA, RXA_5V, RXB_5V, RXC_5V, RXD_5V, and VGA_5V.


Similar Part No. - ADV7850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7850KBCZ-5 AD-ADV7850KBCZ-5 Datasheet
773Kb / 32P
   Complete AV Front End
REV. 0
More results

Similar Description - ADV7850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7850KBCZ-5 AD-ADV7850KBCZ-5 Datasheet
773Kb / 32P
   Complete AV Front End
REV. 0
logo
OmniVision Technologies...
OV426 OMNIVISION-OV426 Datasheet
567Kb / 2P
   complete imaging front-end solution
logo
Synaptics Incorporated.
CX24108 CONEXANT-CX24108 Datasheet
249Kb / 2P
   Highly Integrated, Complete Broadband Satellite Front-End Solution
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com