Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB88C166W-5M Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SAB88C166W-5M
Description  16-Bit CMOS Single-Chip Microcontrollers with/without oscillator prescaler with 32 KByte Flash EPROM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB88C166W-5M Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SAB88C166W-5M Datasheet HTML 1Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 2Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 3Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 4Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 5Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 6Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 7Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 8Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
q
High Performance 16-bit CPU with 4-Stage Pipeline
q
100 ns Instruction Cycle Time at 20 MHz CPU Clock
q
500 ns Multiplication (16
× 16 bit), 1 µs Division (32 / 16 bit)
q
Enhanced Boolean Bit Manipulation Facilities
q
Register-Based Design with Multiple Variable Register Banks
q
Single-Cycle Context Switching Support
q
Up to 256 KBytes Linear Address Space for Code and Data
q
1 KByte On-Chip RAM
q
32 KBytes On-Chip Flash EPROM with Bank Erase Feature
q
Read-Protectable Flash Memory
q
Dedicated Flash Control Register with Operation Lock Mechanism
q
12 V External Flash Programming Voltage
q
Flash Program Verify and Erase Verify Modes
q
100 Flash Program/Erase Cycles guaranteed
q Programmable External Bus Characteristics for Different Address Ranges
q
8-Bit or 16-Bit External Data Bus
q
Multiplexed or Demultiplexed External Address/Data Buses
q
Hold and Hold-Acknowledge Bus Arbitration Support
q
512 Bytes On-Chip Special Function Register Area
q
Idle and Power Down Modes
q
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event
Controller (PEC)
q
16-Priority-Level Interrupt System
q
10-Channel 10-bit A/D Converter with 9.7
µs Conversion Time
q
16-Channel Capture/Compare Unit
q
Two Multi-Functional General Purpose Timer Units with 5 Timers
q
Two Serial Channels (USARTs)
q
Programmable Watchdog Timer
q Up to 76 General Purpose I/O Lines
q
Direct clock input without prescaler in the SAB 88C166W (SAB 88C166 with prescaler)
q
Supported by a Wealth of Development Tools like C-Compilers, Macro-Assembler Packages,
Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers,
Programming Boards
q
On-Chip Bootstrap Loader
q
100-Pin Plastic MQFP Package (EIAJ)
C16x-Family of
High-Performance CMOS 16-Bit Microcontrollers
Preliminary
SAB 88C166(W)
16-Bit Microcontrollers with 32 KByte Flash EPROM
SAB 88C166(W)
Semiconductor Group
1
05.94


Similar Part No. - SAB88C166W-5M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB8032 SIEMENS-SAB8032 Datasheet
635Kb / 18P
   8-Bit Sigle-Chip Microcontroller
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
   8-Bit Single-Chip Microcontroller
SAB8032A-N SIEMENS-SAB8032A-N Datasheet
462Kb / 21P
   8-Bit Single-Chip Microcontroller
SAB8032A-P SIEMENS-SAB8032A-P Datasheet
462Kb / 21P
   8-Bit Single-Chip Microcontroller
SAB8032B SIEMENS-SAB8032B Datasheet
635Kb / 18P
   8-Bit Sigle-Chip Microcontroller
More results

Similar Description - SAB88C166W-5M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F_1 Datasheet
857Kb / 63P
   16-Bit CMOS Single-Chip Microcontroller with 128 KByte Flash EPROM
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
LPC2157 NXP-LPC2157_09 Datasheet
233Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2157 PHILIPS-LPC2157 Datasheet
219Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2157 NXP-LPC2157 Datasheet
217Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 01-15 October 2008
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2104 NXP-LPC2104 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com