Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5061 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5061
Description  Tiny I2C Programmable Linear Battery Charger
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5061 Datasheet(HTML) 5 Page - Analog Devices

  ADP5061 Datasheet HTML 1Page - Analog Devices ADP5061 Datasheet HTML 2Page - Analog Devices ADP5061 Datasheet HTML 3Page - Analog Devices ADP5061 Datasheet HTML 4Page - Analog Devices ADP5061 Datasheet HTML 5Page - Analog Devices ADP5061 Datasheet HTML 6Page - Analog Devices ADP5061 Datasheet HTML 7Page - Analog Devices ADP5061 Datasheet HTML 8Page - Analog Devices ADP5061 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
ADP5061
Rev. 0 | Page 5 of 44
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
JEITA2 Li-ION BATTERY CHARGING
SPECIFICATION DEFAULTS5
JEITA Cold Temperature
TJEITA_COLD
0
°C
No battery charging occurs
Resistance Thresholds
Cool to Cold Resistance
RCOLD_FALL
20,500
25,600
30,720
Ω
Cold to Cool Resistance
RCOLD_RISE
24,400
Ω
JEITA Cool Temperature
TJEITA_COOL
10
°C
Battery termination voltage (VTRM) is reduced by 100 mV
Resistance Thresholds
Typical to Cool Resistance
RTYP_FALL
13,200
16,500
19,800
Ω
Cool to Typical Resistance
RTYP_RISE
15,900
Ω
JEITA Typical Temperature
TJEITA_TYP
°C
Normal battery charging occurs at
default/programmed levels
Resistance Thresholds
Warm to Typical Resistance
RWARM_FALL
5800
Ω
Typical to Warm Resistance
RWARM_RISE
4260
5200
6140
Ω
JEITA Warm Temperature
TJEITA_WARM
45
°C
Battery termination voltage (VTRM) is reduced by 100 mV
Resistance Thresholds
Hot to Warm Resistance
RHOT_FALL
3700
Ω
Warm to Hot Resistance
RHOT_RISE
2750
3350
3950
Ω
JEITA Hot Temperature
TJEITA_HOT
60
°C
No battery charging occurs
BATTERY DETECTION
Battery Detection
Sink Current
ISINK
13
20
34
mA
Source Current
ISOURCE
7
10
13
mA
Battery Threshold
Low
VBATL
1.8
1.9
2.0
V
High
VBATH
3.4
V
Battery Detection Timer
tBATOK
333
ms
TIMERS
Clock Oscillator Frequency
fCLK
2.7
3
3.3
MHz
Start Charging Delay
tSTART
1
sec
Trickle Charge
tTRK
60
min
Fast Charge
tCHG
600
min
Charge Complete
tEND
7.5
min
VBAT_SNS = VTRM, ICHG < IEND
Deglitch
tDG
31
ms
Applies to VTRK, VRCH, IEND, VDEAD, VVIN_OK
Watchdog2
tWD
32
sec
Safety
tSAFE
36
40
44
min
Battery Short2
tBAT_SHR
30
sec
ILED OUTPUT PINS
Voltage Drop over ILED
VILED
200
mV
IILED = 20 mA
Maximum Operating Voltage over
ILED
VMAXILED
5.5
V
SYS_EN OUTPUT PIN
SYS_EN FET On Resistance
RON_SYS_EN
10
Ω
ISYS_EN = 20 mA
LOGIC INPUT PIN
Maximum Voltage on Digital Inputs
VDIN_MAX
5.5
V
Applies to SCL, SDA, DIG_IO1, DIG_IO2, DIG_IO3
Maximum Logic Low Input Voltage
VIL
0.5
V
Applies to SCL, SDA, DIG_IO1, DIG_IO2, DIG_IO3
Minimum Logic High Input Voltage
VIH
1.2
V
Applies to SCL, SDA, DIG_IO1, DIG_IO2, DIG_IO3
Pull-Down Resistance
215
350
610
Applies to DIG_IO1, DIG_IO2, DIG_IO3
1
Undervoltage lockout generated normally from ISO_Sx or ISO_Bx; in certain transition cases, it can be generated from VINx.
2
These values are programmable via I2C. Values are given with default register values.
3
The output current during charging may be limited by the input current limit or by the isothermal charging mode.
4
During weak charging mode, the charger provides at least 20 mA of charging current via the trickle charge branch to the battery unless trickle charging is disabled.
Any residual current, which is not required by the system, is also used to charge the battery.
5
Either JEITA1 (default) or JEITA2 can be selected in I2C, or both JEITA functions can enabled or disabled in I2C.


Similar Part No. - ADP5061

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5062 AD-ADP5062 Datasheet
879Kb / 44P
   Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
ADP5062ACPZ-1-R7 AD-ADP5062ACPZ-1-R7 Datasheet
879Kb / 44P
   Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
ADP5062ACPZ-2-R7 AD-ADP5062ACPZ-2-R7 Datasheet
879Kb / 44P
   Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
ADP5062CP-EVALZ AD-ADP5062CP-EVALZ Datasheet
879Kb / 44P
   Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
ADP5063 AD-ADP5063 Datasheet
830Kb / 44P
   Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
REV. 0
More results

Similar Description - ADP5061

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
    Linear Battery Charger
Rev 0; 9/08
logo
Summit Microelectronics...
SMB139 SUMMIT-SMB139 Datasheet
398Kb / 27P
   Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
SMB239 SUMMIT-SMB239 Datasheet
476Kb / 30P
   Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
logo
Linear Technology
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
logo
Seaward Electronics Inc...
SE9014 SEAWARD-SE9014 Datasheet
514Kb / 11P
   Standalon Linear Lithum Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4055D HMSEMI-HM4055D Datasheet
1Mb / 16P
   800mA Lithium Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com