Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH104R Datasheet(PDF) 11 Page - Analog Devices

Part # CDRH104R
Description  6.5 V, 4 A, High Efficiency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CDRH104R Datasheet(HTML) 11 Page - Analog Devices

Back Button CDRH104R Datasheet HTML 7Page - Analog Devices CDRH104R Datasheet HTML 8Page - Analog Devices CDRH104R Datasheet HTML 9Page - Analog Devices CDRH104R Datasheet HTML 10Page - Analog Devices CDRH104R Datasheet HTML 11Page - Analog Devices CDRH104R Datasheet HTML 12Page - Analog Devices CDRH104R Datasheet HTML 13Page - Analog Devices CDRH104R Datasheet HTML 14Page - Analog Devices CDRH104R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADP2164
Rev. 0 | Page 11 of 20
CH2 500mV
CH4 500mV
M 2.00ms
A CH2
820mV
4
T 40.40%
T
TRK
FB
BW
BW
Figure 28. Tracking Function
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
1k
10k
12
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 57kHz
PHASE MARGIN: 67°
PHASE
MAGNITUDE
Figure 29. Bode Plot at VIN = 5 V, VOUT = 1.0 V, IO = 4 A, fS = 1.2 MHz,
L = 0.68 μH, COUT = 2 × 100 μF
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
1k
10k
12
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 52kHz
PHASE MARGIN: 69°
PHASE
MAGNITUDE
Figure 30. Bode Plot at VIN = 5 V, VOUT = 1.5 V, IO = 4 A, fS = 1.2 MHz,
L = 1 μH, COUT = 47 μF + 100 μF
CH1 5.00mV
CH2 5.00V
CH4 2.00A Ω
M 400ns
A CH2
3.30V
2
1
4
T 30.60%
T
SW
VOUT
IL
Figure 31. Steady Waveform, VIN = 5 V, VOUT = 1.2 V, fS = 1.2 MHz
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
1k
10k
1
2
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 61kHz
PHASE MARGIN: 69°
PHASE
MAGNITUDE
Figure 32. Bode Plot at VIN = 5 V, VOUT = 1.2 V, IO = 4 A, fS = 1.2 MHz,
L = 0.68 μH, COUT = 47 μF + 100 μF
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
1k
10k
12
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 61kHz
PHASE MARGIN: 66°
PHASE
MAGNITUDE
Figure 33. Bode Plot at VIN = 5 V, VOUT = 1.8 V, IO = 4 A, fS = 1.2 MHz,
L = 1 μH, COUT = 100 μF


Similar Part No. - CDRH104R

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
logo
ECM Electronics Limited...
CDRH104R ECM-CDRH104R Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH104R AITCOMPONENTS-CDRH104R Datasheet
32Kb / 1P
   CDRH104R SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH104R SUMIDA-CDRH104R Datasheet
284Kb / 5P
   SMD Power Inductor
logo
ECM Electronics Limited...
CDRH104R-100 ECM-CDRH104R-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDRH104R

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
logo
Fairchild Semiconductor
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
   P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
logo
Monolithic Power System...
MP8864 MPS-MP8864 Datasheet
1Mb / 29P
   High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
logo
Kersemi Electronic Co.,...
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
   N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
logo
Texas Instruments
LM70880-Q1 TI-LM70880-Q1 Datasheet
833Kb / 12P
[Old version datasheet]   LM708x0-Q1 80-V, 8-A/6-A/4-A, Automotive, High-Efficiency Buck Converters Optimized for High Power Density
SEPTEMBER 2023
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
   N-channel MOSFET 60 V, 82 A, 6.5 m廓
logo
ON Semiconductor
NTTFS007P02P8 ONSEMI-NTTFS007P02P8 Datasheet
249Kb / 6P
   MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 6.5 m
April, 2023 - Rev. 0
logo
Texas Instruments
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com