Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4697EBRZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADN4697EBRZ
Description  3.3 V, 200 Mbps, Half- and Full-Duplex
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4697EBRZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN4697EBRZ Datasheet HTML 7Page - Analog Devices ADN4697EBRZ Datasheet HTML 8Page - Analog Devices ADN4697EBRZ Datasheet HTML 9Page - Analog Devices ADN4697EBRZ Datasheet HTML 10Page - Analog Devices ADN4697EBRZ Datasheet HTML 11Page - Analog Devices ADN4697EBRZ Datasheet HTML 12Page - Analog Devices ADN4697EBRZ Datasheet HTML 13Page - Analog Devices ADN4697EBRZ Datasheet HTML 14Page - Analog Devices ADN4697EBRZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADN4691E/ADN4693E/ADN4696E/ADN4697E
Rev. A | Page 11 of 20
TEST CIRCUITS AND SWITCHING CHARACTERISTICS
DRIVER VOLTAGE AND CURRENT MEASUREMENTS
DI
NOTES
1. 1% TOLERANCE FOR ALL RESISTORS
VOD
VTEST
49.9Ω
3.32kΩ
+
3.32kΩ
–1V TO +3.4V
A/Y
B/Z
Figure 19. Driver Voltage Measurement over Common-Mode Range
DI
NOTES
1. C1, C2, AND C3 ARE 20% AND INCLUDE PROBE/STRAY
CAPACITANCE LESS THAN 2cm FROM DUT.
2. R1 AND R2 ARE 1%, METAL FILM, SURFACE MOUNT,
LESS THAN 2cm FROM DUT.
VOC
R1
24.9Ω
C1
1pF
C2
1pF
C3
2.5pF
R2
24.9Ω
A/Y
B/Z
Figure 20. Driver Common-Mode Output Voltage Measurement
S1
S2
VA(O), VB(O),
VY(O) OR VZ(O)
A/Y
VCC
R1
1.62kΩ
±1%
B/Z
DE
Figure 21. Maximum Steady-State Output Voltage Measurement
S1
DI
S2
A/Y
B/Z
VTEST
VCC
IOS
–1V OR +3.4V
Figure 22. Driver Short Circuit
NOTES
1. INPUT PULSE GENERATOR: 500kHz; 50% ± 5% DUTY CYCLE; tR, tF ≤ 1ns.
2. VOC(PP) MEASURED ON TEST EQUIPMENT WITH –3dB BANDWIDTH ≥ 1GHz.
VOC(PP)
∆VOC(SS)
VOC
B/Z
A/Y
≈ 0.7V
≈ 1.3V
Figure 23. Driver Common-Mode Output Voltage (Steady State)


Similar Part No. - ADN4697EBRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4697EBRZ AD-ADN4697EBRZ Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4697EBRZ-RL7 AD-ADN4697EBRZ-RL7 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Similar Description - ADN4697EBRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4690E AD-ADN4690E Datasheet
452Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex
REV. A
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
   3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com