Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4696EBRZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADN4696EBRZ
Description  3.3 V, 200 Mbps, Half- and Full-Duplex
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4696EBRZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN4696EBRZ Datasheet HTML 2Page - Analog Devices ADN4696EBRZ Datasheet HTML 3Page - Analog Devices ADN4696EBRZ Datasheet HTML 4Page - Analog Devices ADN4696EBRZ Datasheet HTML 5Page - Analog Devices ADN4696EBRZ Datasheet HTML 6Page - Analog Devices ADN4696EBRZ Datasheet HTML 7Page - Analog Devices ADN4696EBRZ Datasheet HTML 8Page - Analog Devices ADN4696EBRZ Datasheet HTML 9Page - Analog Devices ADN4696EBRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADN4691E/ADN4693E/ADN4696E/ADN4697E
Data Sheet
Rev. A | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = TMIN to TMAX, unless otherwise noted.
THERMAL RESISTANCE
Table 6.
Parameter
Rating
VCC
−0.5 V to +4 V
Digital Input Voltage (DE, RE, DI)
−0.5 V to +4 V
Receiver Input (A, B) Voltage
Half-Duplex (ADN4691E, ADN4696E)
−1.8 V to +4 V
Full-Duplex (ADN4693E, ADN4697E)
−4 V to +6 V
Receiver Output Voltage (RO)
−0.3 V to +4 V
Driver Output (A, B, Y, Z) Voltage
−1.8 V to +4 V
ESD Rating (A, B, Y, Z Pins)
HBM (Human Body Model)
Air Discharge
±15 kV
Contact Discharge
±8 kV
IEC 61000-4-2, Air Discharge
±10 kV
IEC 61000-4-2, Contact Discharge
±8 kV
ESD Rating (Other Pins, HBM)
±4 kV
ESD Rating (All Pins)
FICDM
±1.25 kV
Machine Model
±400 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
Unit
8-Lead SOIC
121
°C/W
14-Lead SOIC
86
°C/W
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ADN4696EBRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4696EBRZ AD-ADN4696EBRZ Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4696EBRZ-RL7 AD-ADN4696EBRZ-RL7 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Similar Description - ADN4696EBRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4690E AD-ADN4690E Datasheet
452Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex
REV. A
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
   3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com